Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7263 Datasheet(PDF) 32 Page - OSRAM GmbH

Part # AS7263
Description  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7263 Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button AS7263 Datasheet HTML 28Page - OSRAM GmbH AS7263 Datasheet HTML 29Page - OSRAM GmbH AS7263 Datasheet HTML 30Page - OSRAM GmbH AS7263 Datasheet HTML 31Page - OSRAM GmbH AS7263 Datasheet HTML 32Page - OSRAM GmbH AS7263 Datasheet HTML 33Page - OSRAM GmbH AS7263 Datasheet HTML 34Page - OSRAM GmbH AS7263 Datasheet HTML 35Page - OSRAM GmbH AS7263 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Datasheet, Public
Page 31
[v4-00] 2022-Nov-30
Document Feedback
AS7263 − Detailed Description
ATTCSMD=<value>
OK
Set Sensor Mode
0 = BANK Mode 0;
1 = BANK Mode 1;
2 = BANK Mode 2;
3 = BANK Mode 3 One-Shot;
4 = Sensors OFF
In One-Shot mode, each ATTCSMD=3 command triggers a
One-Shot reading.
ATTCSMD
<value> OK
Read Sensor Mode, see above.
ATBURST=<value>
OK
<value>= # of samples
(ATBURST=1 means run until ATBURST=0 is received (a special
case for continuous output).
LED Driver Controls
ATLED0=<value>
OK
Sets LED_IND: 100=ON, 0=OFF
ATLED0
<100|0>OK
Reads LED_IND setting: 100=ON, 0=OFF
ATLED1=<value>
OK
Sets LED_DRV: 100=ON, 0=OFF
ATLED1
<100|0>OK
Reads LED_DRV setting: 100=ON, 0=OFF
ATLEDC=<value>
OK
Sets LED_IND and LED_DRV current
LED_IND: bits 3:0; LED_DRV: 7:4 bits
LED_IND: ‘b00=1mA; ‘b01=2mA; ‘b10=4mA; ‘b11=8ma
LED_DRV: ‘b00=12.5mA; ‘b01=25mA; ‘b10=50mA; ‘b11=100mA
ATLEDC
<value>OK
Reads LED_IND and LED_DRV current settings as shown above.
NOP, Version Access, System Reset
AT
OK
→ Success
ERROR
→ Failure
NOP
ATRST
None
Software Reset – no response.
ATVERSW
<SWversion#>
→OK
ERROR
→ Failure
Returns the system software version number.
ATVERHW
<HWversion#>
→ OK
ERROR
→ Failure
Returns the system hardware revision and product ID, with bits
7:4 containing the part ID, and bits 3:0 yielding the chip revision
value.
Firmware Update
ATFWU=<value>OK
<value>= 16-bit checksum. Initial the firmware update process.
Bytes that follow is always 56k bytes.
ATFW=<value>OK
Download new firmware
Up to 7 Bytes represented as hex chars with no leading or
trailing 0x.
Repeat command till all 56k bytes of firmware are downloaded.
ATFWS
OK
Causes the active image to switch between the two possible
current images and then resets the IC.
Command
Response
Description / Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com