Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7263 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # AS7263
Description  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7263 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button AS7263 Datasheet HTML 5Page - OSRAM GmbH AS7263 Datasheet HTML 6Page - OSRAM GmbH AS7263 Datasheet HTML 7Page - OSRAM GmbH AS7263 Datasheet HTML 8Page - OSRAM GmbH AS7263 Datasheet HTML 9Page - OSRAM GmbH AS7263 Datasheet HTML 10Page - OSRAM GmbH AS7263 Datasheet HTML 11Page - OSRAM GmbH AS7263 Datasheet HTML 12Page - OSRAM GmbH AS7263 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Page 8
Datasheet, Public
Document Feedback
[v4-00] 2022-Nov-30
AS7263 − Timing Characteristics
Figure 7:
AS7263 I²C Slave Timing Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
I²C Interface
fSCLK
SCL clock frequency
400
kHz
tBUF
Bus free time
between a STOP and
START
1.3
μs
tHS:STA
Hold time
(Repeated) START
0.6
μs
tLOW
LOW period of SCL
clock
1.3
μs
tHIGH
HIGH period of SCL
clock
0.6
μs
tSU:STA
Setup time for a
repeated START
0.6
μs
tHS:DAT
Data hold time
0
0.9
μs
tSU:DAT
Data setup time
100
ns
tR
Rise time of both
SDA and SCL
300
ns
tF
Fall time of both SDA
and SCL
300
ns
tSU:STO
Setup time for STOP
condition
0.6
μs
CB
Capacitive load for
Each bus line
CB — total capacitance of
one bus line in pF
400
pF
CI/O
I/O capacitance
(SDA, SCL)
10
pF
Timing Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com