Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34083 Datasheet(PDF) 29 Page - OSRAM GmbH

Part # TCS34083
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34083 Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button TCS34083 Datasheet HTML 25Page - OSRAM GmbH TCS34083 Datasheet HTML 26Page - OSRAM GmbH TCS34083 Datasheet HTML 27Page - OSRAM GmbH TCS34083 Datasheet HTML 28Page - OSRAM GmbH TCS34083 Datasheet HTML 29Page - OSRAM GmbH TCS34083 Datasheet HTML 30Page - OSRAM GmbH TCS34083 Datasheet HTML 31Page - OSRAM GmbH TCS34083 Datasheet HTML 32Page - OSRAM GmbH TCS34083 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
Page 28
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-01
TCS3408 − Register O ver view
ALS autozero configuration is used to set how often the ALS
engine offsets are reset to compensate for changes in device
temperature.
Figure 30:
AZ_CONFIG
Note(s):
1. Return to the Register Map (0xD6).
Figure 31:
AGC_GAIN_MAX
Note(s):
1. Return to the Register Map (0xCF).
Addr: 0xD6
AZ_CONFIG
Bit
Field
Reset
Type
Bit Description
7:0
AZ_NTH_ITERATION
255
R/W
ALS Autozero Frequency. Sets the frequency at which
the device performs autozero of the ALS pulse counter.
VALUE
AUTOZERO FREQUENCY
0
Never
1Every cycle
2Every 2 cycles
…Every (AZ_NTH_ITERATION) cycles
253
Every 253 cycles
254
Every 254 cycles
255
Only once (before 1st cycle)
Addr: 0xCF
AGC_GAIN_MAX
Bit
Field
Reset
Type
Bit Description
7:4
AGC_FD_GAIN_MAX
9
R/W
Flicker Detection AGC Gain Max. Sets the maximum
gain for flicker detection to 2(AGC_FD_GAIN_MAX - 1). Reset
value is 9 (256x). This field has a range from 0 (0.5x) to 11
(1024x).
3:0
AGC_AGAIN_MAX
9
R/W
ALS AGC Gain Max. Sets the maximum gain for the ALS
AGC engine to 2(AGC_AGAIN_MAX - 1). Reset value is 9
(256x). This field has a range from 0 (0.5x) to 11 (1024x).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com