Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34083 Datasheet(PDF) 39 Page - OSRAM GmbH

Part # TCS34083
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34083 Datasheet(HTML) 39 Page - OSRAM GmbH

Back Button TCS34083 Datasheet HTML 35Page - OSRAM GmbH TCS34083 Datasheet HTML 36Page - OSRAM GmbH TCS34083 Datasheet HTML 37Page - OSRAM GmbH TCS34083 Datasheet HTML 38Page - OSRAM GmbH TCS34083 Datasheet HTML 39Page - OSRAM GmbH TCS34083 Datasheet HTML 40Page - OSRAM GmbH TCS34083 Datasheet HTML 41Page - OSRAM GmbH TCS34083 Datasheet HTML 42Page - OSRAM GmbH TCS34083 Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
Page 38
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-01
TCS3408 − Register O ver view
ALS Data and Status
The ASTATUS register is required for automatic gain control
(AGC). It provides an ALS saturation and ALS gain status
associated to each set of ALS data. Reading the ASTATUS
register (0x94) latches all 12 ALS data bytes to that status read.
Reading these 13 bytes consecutively (0x94 - 0xA0) ensures that
the data is concurrent. All ALS data are stored as 16-bit values.
If flicker detection is enabled, ALS channel five is used for the
flicker detection function and ADATA5 will read 0. The ASTATUS
and ALS data registers are read only.
Figure 45:
ASTATUS
Note(s):
1. Return to the Register Map (0x94).
Figure 46:
ALS Data Registers
Addr: 0x94
ASTATUS
Bit
Field
Reset
Type
Bit Description
7
ASAT_STATUS
0
R
ALS Saturation Status. Indicates if the latched data
is affected by analog or digital saturation.
6:4
Reserved
0
3:0
AGAIN_STATUS
0
R
ALS Gain Status. Indicates the ALS gain applied for
the ALS data latched to this ASTATUS read. The ALS
gain from this status read is required to calculate ALS
results if AGC is enabled.
Bits
Addr
Field
Description
7:0
0x95
ADATA0
ALS Channel Zero Data: CLEAR data
15:8
0x96
7:0
0x97
ADATA1
ALS Channel One Data. RED data
15:8
0x98
7:0
0x99
ADATA2
ALS Channel Two Data. GREEN data
15:8
0x9A
7:0
0x9B
ADATA3
ALS Channel Three Data. BLUE data
15:8
0x9C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com