Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34083 Datasheet(PDF) 38 Page - OSRAM GmbH

Part # TCS34083
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34083 Datasheet(HTML) 38 Page - OSRAM GmbH

Back Button TCS34083 Datasheet HTML 34Page - OSRAM GmbH TCS34083 Datasheet HTML 35Page - OSRAM GmbH TCS34083 Datasheet HTML 36Page - OSRAM GmbH TCS34083 Datasheet HTML 37Page - OSRAM GmbH TCS34083 Datasheet HTML 38Page - OSRAM GmbH TCS34083 Datasheet HTML 39Page - OSRAM GmbH TCS34083 Datasheet HTML 40Page - OSRAM GmbH TCS34083 Datasheet HTML 41Page - OSRAM GmbH TCS34083 Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
Datasheet, Public
Page 37
[v2-00] 2023-Feb-01
Document Feedback
TCS3408 − Register Overview
Figure 44:
STATUS6
Note(s):
1. Return to the Register Map (0xA7).
Addr: 0xA7
STATUS6
Bit
Field
Reset
Type
Bit Description
7:6
Reserved
0
5
OVTEMP_DETECTED
0
R
Over Temperature Detected. Indicates the device
temperature is too high. Write 1 to clear this bit.
4
FD_TRIGGER_ERROR
0
R
Flicker Detect Trigger Error. Indicates that there is a
timing error that prevents flicker detect from
functioning correctly.
3
Reserved
0
2
ALS_TRIGGER_ERROR
0
R
ALS Trigger Error. Indicates that there is a timing
error that prevents ALS from functioning correctly.
The WTIME is too short for the ATIME configured for
the device.
1SAI_ACTIVE
0
R
Sleep After Interrupt Active. Indicates that the
device is in SLEEP due to an interrupt. To exit SLEEP
mode, clear this bit.
0INIT_BUSY
0
R
Initialization Busy. Indicates that the device is
initializing. This bit will remain 1 for about 300μs
after power on. Do not interact with the device until
initialization is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com