Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34083 Datasheet(PDF) 32 Page - OSRAM GmbH

Part # TCS34083
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34083 Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button TCS34083 Datasheet HTML 28Page - OSRAM GmbH TCS34083 Datasheet HTML 29Page - OSRAM GmbH TCS34083 Datasheet HTML 30Page - OSRAM GmbH TCS34083 Datasheet HTML 31Page - OSRAM GmbH TCS34083 Datasheet HTML 32Page - OSRAM GmbH TCS34083 Datasheet HTML 33Page - OSRAM GmbH TCS34083 Datasheet HTML 34Page - OSRAM GmbH TCS34083 Datasheet HTML 35Page - OSRAM GmbH TCS34083 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
Datasheet, Public
Page 31
[v2-00] 2023-Feb-01
Document Feedback
TCS3408 − Register Overview
Figure 35:
CFG6
Note(s):
1. Return to the Register Map (0xAF).
Figure 36:
CFG8
Note(s):
1. Return to the Register Map (0xB1).
Figure 37:
CFG9
Addr: 0xAF
CFG6
Bit
Field
Reset
Type
Bit Description
7
Reserved
0
6
ALS_AGC_MAX_GAIN_
START
0R/W
Enables the same AGC behavior for ALS as used
during flicker detection for finding the highest
reasonable again setting. The AGC will start with
agc_again_max as the again value. The again setting
is reduced to the next lower setting until the output
does not result in asat_analog or until again=0 (0.5x)
is reached.
5:0
Reserved
0
Addr: 0xB1
CFG8
Bit
Field
Reset
Type
Bit Description
7:6
Reserved
2
5:3
Reserved
0
2
ALS_AGC_ENABLE
0
R/W
ALS AGC Enable. If asserted, device uses automatic
gain control for the ALS engines to maximize ALS
signal while avoiding saturation.
1:0
Reserved
0
Addr: 0xB2
CFG9
Bit
Field
Reset
Type
Bit Description
7
Reserved
0
6
SIEN_FD
0
R/W
System Interrupt Flicker Detection. Enables
system interrupt when flicker detection status
change has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com