Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34083 Datasheet(PDF) 40 Page - OSRAM GmbH

Part # TCS34083
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34083 Datasheet(HTML) 40 Page - OSRAM GmbH

Back Button TCS34083 Datasheet HTML 36Page - OSRAM GmbH TCS34083 Datasheet HTML 37Page - OSRAM GmbH TCS34083 Datasheet HTML 38Page - OSRAM GmbH TCS34083 Datasheet HTML 39Page - OSRAM GmbH TCS34083 Datasheet HTML 40Page - OSRAM GmbH TCS34083 Datasheet HTML 41Page - OSRAM GmbH TCS34083 Datasheet HTML 42Page - OSRAM GmbH TCS34083 Datasheet HTML 43Page - OSRAM GmbH TCS34083 Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
Datasheet, Public
Page 39
[v2-00] 2023-Feb-01
Document Feedback
TCS3408 − Register Overview
Note(s):
1. Return to the Register Map (0x95, 0x96, 0x97, 0x98, 0x99, 0x9A, 0x9B, 0x9C, 0x9D, 0x9E, 0x9F, 0xA0).
The flicker detection status register indicates if flicker detection
data is valid and whether 100Hz or 120Hz ambient light flicker
frequencies are present.
Figure 47:
FD_STATUS
Note(s):
1. Return to the Register Map (0xDB).
7:0
0x9D
ADATA4
ALS Channel Four Data. WIDEBAND data
15:8
0x9E
7:0
0x9F
ADATA5
ALS Channel Five Data. FLICKER data
15:8
0xA0
Addr: 0xDB
FD_STATUS
Bit
Field
Reset
Type
Bit Description
7:6
Reserved
0
5
FD_MEASUREMENT_
VALID
0R
Flicker Detection Measurement Valid. Indicates
that flicker detection measurement is complete.
Write 1 to this bit to clear this field.
4
FD_SATURATION_
DETECTED
0R
Flicker Saturation Detected. Indicates that
saturation occurred during the last flicker detection
measurement, and the result may not be valid. Write
1 to this bit to clear this field.
3
FD_120HZ_FLICKER_
VALID
0R
Flicker Detection 120Hz Flicker Valid. Indicates
that the 120Hz flicker detection calculation is valid.
Write 1 to this bit to clear this field.
2
FD_100HZ_FLICKER_
VALID
0R
Flicker Detection 100Hz Flicker Valid. Indicates
that the 100Hz flicker detection calculation is valid.
Write 1 to this bit to clear this field.
1
FD_120HZ_FLICKER
0
R
Flicker Detected at 120Hz. Indicates if an ambient
light source is flickering at 120Hz.
0
FD_100HZ_FLICKER
0
R
Flicker Detected at 100Hz. Indicates if an ambient
light source is flickering at 100Hz.
Bits
Addr
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com