Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3471 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # TCS3471
Description  Color Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3471 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button TCS3471 Datasheet HTML 2Page - OSRAM GmbH TCS3471 Datasheet HTML 3Page - OSRAM GmbH TCS3471 Datasheet HTML 4Page - OSRAM GmbH TCS3471 Datasheet HTML 5Page - OSRAM GmbH TCS3471 Datasheet HTML 6Page - OSRAM GmbH TCS3471 Datasheet HTML 7Page - OSRAM GmbH TCS3471 Datasheet HTML 8Page - OSRAM GmbH TCS3471 Datasheet HTML 9Page - OSRAM GmbH TCS3471 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
ams Datasheet
Page 5
[v1-01] 2018-Mar-27
Document Feedback
TCS3471 − Detailed Description
The TCS3471 light-to-digital device contains a 4
× 4 photodiode
array, integrating amplifiers, ADCs, accumulators, clocks,
buffers, comparators, a state machine, and an I²C interface. The
4
× 4 photodiode array is composed of red-filtered,
green-filtered, blue-filtered, and clear photodiodes — four of
each type. Four integrating ADCs simultaneously convert the
amplified photodiode currents to a digital value providing up
to 16 bits of resolution. Upon completion of the conversion
cycle, the conversion result is transferred to the data registers.
The transfers are double-buffered to ensure that the integrity
of the data is maintained. Communication to the device is
accomplished through a fast (up to 400 kHz), two-wire I²C serial
bus for easy connection to a microcontroller or embedded
controller.
The TCS3471 provides a separate pin for level-style interrupts.
When interrupts are enabled and a pre-set value is exceeded,
the interrupt pin is asserted and remains asserted until cleared
by the controlling firmware. The interrupt feature simplifies and
improves system efficiency by eliminating the need to poll a
sensor for a light intensity value. An interrupt is generated when
the value of an RGBC conversion exceeds either an upper or
lower threshold. In addition, a programmable interrupt
persistence feature allows the user to determine how many
consecutive exceeded thresholds are necessary to trigger an
interrupt.
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com