Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3471 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TCS3471
Description  Color Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3471 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TCS3471 Datasheet HTML 15Page - OSRAM GmbH TCS3471 Datasheet HTML 16Page - OSRAM GmbH TCS3471 Datasheet HTML 17Page - OSRAM GmbH TCS3471 Datasheet HTML 18Page - OSRAM GmbH TCS3471 Datasheet HTML 19Page - OSRAM GmbH TCS3471 Datasheet HTML 20Page - OSRAM GmbH TCS3471 Datasheet HTML 21Page - OSRAM GmbH TCS3471 Datasheet HTML 22Page - OSRAM GmbH TCS3471 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-27
TCS3471 − Register Description
The TCS3471 is controlled and monitored by data registers and
a command register accessed through the serial interface.
These registers provide for a variety of control functions and
can be read to determine results of the ADC conversions. The
register set is summarized in Figure 22.
Figure 22:
Register Set
The mechanics of accessing a specific register depends on the
specific protocol used. See the section on I²C protocols on the
previous pages. In general, the COMMAND register is written
first to specify the specific control/status register for the
following read/write operations.
Address
Register Name
R/W
Register Function
Reset Value
−−
COMMAND
W
Specifies register address
0x00
0x00
ENABLE
R/W
Enables states and interrupts
0x00
0x01
ATIME
R/W
RGBC ADC time
0xFF
0x03
WTIME
R/W
Wait time
0xFF
0x04
AILTL
R/W
RGBC interrupt low threshold low byte
0x00
0x05
AILTH
R/W
RGBC interrupt low threshold high byte
0x00
0x06
AIHTL
R/W
RGBC interrupt high threshold low byte
0x00
0x07
AIHTH
R/W
RGBC interrupt high threshold high byte
0x00
0x0C
PERS
R/W
Interrupt persistence filters
0x00
0x0D
CONFIG
R/W
Configuration
0x00
0x0F
CONTROL
R/W
Gain control register
0x00
0x12
ID
R
Device ID
ID
0x13
STATUS
R
Device status
0x00
0x14
CDATA
R
Clear ADC low data register
0x00
0x15
CDATAH
R
Clear ADC high data register
0x00
0x16
RDATA
R
Red ADC low data register
0x00
0x17
RDATAH
R
Red ADC high data register
0x00
0x18
GDATA
R
Green ADC low data register
0x00
0x19
GDATAH
R
Green ADC high data register
0x00
0x1A
BDATA
R
Blue ADC low data register
0x00
0x1B
BDATAH
R
Blue ADC high data register
0x00
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com