Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3471 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # TCS3471
Description  Color Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3471 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button TCS3471 Datasheet HTML 17Page - OSRAM GmbH TCS3471 Datasheet HTML 18Page - OSRAM GmbH TCS3471 Datasheet HTML 19Page - OSRAM GmbH TCS3471 Datasheet HTML 20Page - OSRAM GmbH TCS3471 Datasheet HTML 21Page - OSRAM GmbH TCS3471 Datasheet HTML 22Page - OSRAM GmbH TCS3471 Datasheet HTML 23Page - OSRAM GmbH TCS3471 Datasheet HTML 24Page - OSRAM GmbH TCS3471 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-27
TCS3471 − Register Description
Enable Register (0x00)
The Enable register is used primarily to power the TCS3471
device on and off, and enable functions and interrupts as shown
in Figure 24.
Figure 24:
Enable Register
Note(s):
1. A minimum interval of 2.4 ms must pass after PON is asserted before an RGBC can be initiated.
76
5
4
3
2
1
0
Reserved
AIEN
WEN
Reserved
AEN
PON
Field
Bits
Description
Reserved
7:5
Reserved. Write as 0.
AIEN
4
RGBC interrupt enable. When asserted, permits RGBC interrupts to be
generated.
WEN
3
Wait enable. This bit activates the wait feature. Writing a 1 activates the
wait timer. Writing a 0 disables the wait timer.
Reserved
2
Reserved. Write as 0.
AEN
1
RGBC enable. This bit actives the two-channel ADC. Writing a 1 activates
the RGBC. Writing a 0 disables the RGBC.
PON(1)
0
Power ON. This bit activates the internal oscillator to permit the timers and
ADC channels to operate. Writing a 1 activates the oscillator. Writing a 0
disables the oscillator. During reads and writes over the I²C interface, this
bit is temporarily overridden and the oscillator is enabled, independent of
the state of PON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com