Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3471 Datasheet(PDF) 22 Page - OSRAM GmbH

Part # TCS3471
Description  Color Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3471 Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button TCS3471 Datasheet HTML 18Page - OSRAM GmbH TCS3471 Datasheet HTML 19Page - OSRAM GmbH TCS3471 Datasheet HTML 20Page - OSRAM GmbH TCS3471 Datasheet HTML 21Page - OSRAM GmbH TCS3471 Datasheet HTML 22Page - OSRAM GmbH TCS3471 Datasheet HTML 23Page - OSRAM GmbH TCS3471 Datasheet HTML 24Page - OSRAM GmbH TCS3471 Datasheet HTML 25Page - OSRAM GmbH TCS3471 Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
ams Datasheet
Page 21
[v1-01] 2018-Mar-27
Document Feedback
TCS3471 − Register Description
RGBC Timing Register (0x01)
The RGBC timing register controls the internal integration time
of the RGBC clear and IR channel ADCs in 2.4 ms increments.
Max RGBC Count = (256 - ATIME) × 1024 up to a maximum of
65535.
Figure 25:
RGBC Timing Register
Wait Time Register (0x03)
Wait time is set 2.4 ms increments unless the WLONG bit is
asserted, in which case the wait times are 12x longer. WTIME is
programmed as a 2’s complement number.
Figure 26:
Wait Time Register
Field
Bits
Description
ATIME
7:0
VALUE
INTEG_CYCLES
TIME
MAX COUNT
0xFF
1
2.4 ms
1024
0xF6
10
24 ms
10240
0xD5
42
101 ms
43008
0xC0
64
154 ms
65535
0x00
256
700 ms
65535
Field
Bits
Description
WTIME
7:0
REGISTER
VALUE
WAIT TIME
TIME (WLONG = 0)
TIME (WLONG = 1)
0xFF
1
2.4 ms
0.029 s
0xAB
85
204 ms
2.45 s
0x00
256
614 ms
7.4 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com