Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3471 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TCS3471
Description  Color Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3471 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TCS3471 Datasheet HTML 4Page - OSRAM GmbH TCS3471 Datasheet HTML 5Page - OSRAM GmbH TCS3471 Datasheet HTML 6Page - OSRAM GmbH TCS3471 Datasheet HTML 7Page - OSRAM GmbH TCS3471 Datasheet HTML 8Page - OSRAM GmbH TCS3471 Datasheet HTML 9Page - OSRAM GmbH TCS3471 Datasheet HTML 10Page - OSRAM GmbH TCS3471 Datasheet HTML 11Page - OSRAM GmbH TCS3471 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
ams Datasheet
Page 7
[v1-01] 2018-Mar-27
Document Feedback
TCS3471 − Absolute Maximum Ratings
Figure 7:
Operating Characteristics; VDD = 3 V, TA = 25ºC (unless otherwise noted)
Figure 8:
Optical Characteristics; VDD = 3 V, TA = 25ºC, GAIN = 16, ATIME = 0xF6 (unless otherwise noted)
Note(s):
1. The percentage shown represents the ratio of the respective red, green, or blue channel value to the clear channel value.
2. The 465 nm input irradiance is supplied by an InGaN light-emitting diode with the following characteristics:
dominant wavelength
λD = 465 nm, spectral halfwidth Δλ½ = 22 nm, and luminous efficacy = 75 lm/W.
3. The 525 nm input irradiance is supplied by an InGaN light-emitting diode with the following characteristics:
dominant wavelength
λD = 525 nm, spectral halfwidth Δλ½ = 35 nm, and luminous efficacy = 520 lm/W.
4. The 625 nm input irradiance is supplied by a AlInGaP light-emitting diode with the following characteristics:
dominant wavelength
λD = 625 nm, spectral halfwidth Δλ½ = 9 nm, and luminous efficacy = 155 lm/W.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IDD
Supply current
Active
235
330
μA
Wait mode
65
Sleep mode - no I²C activity
2.5
10
VOL
INT, SDA output low
voltage
3 mA sink current
0
0.4
V
6 mA sink current
0
0.6
ILEAK
Leakage current, SDA,
SCL, INT pins
−5
5
μA
ILEAK
Leakage current, LDR
pin
-1
+10
μA
VIH
SCL, SDA input high
voltage
TCS34711 & TCS34715
0.7 VDD
V
TCS34713 & TCS34717
1.25
VIL
SCL, SDA input low
voltage
TCS34711 & TCS34715
0.3 VDD
V
TCS34713 & TCS34717
0.54
Parameter
Test
Conditions
Red
Channel
Green
Channel
Blue
Channel
Clear Channel
Unit
Min
Max
Min
Max
Min
Max
Min
Typ
Max
Re
Irradiance
responsivtiy
λD = 465 nm(2)
0%
15%
10%
42%
65%
88%
19.2
24
28.8
counts/
(
μW/cm2)
λD = 525 nm(3)
8%
25%
60%
85%
9%
35%
22.4
28
33.6
λD = 625 nm(4) 85%
110%
0%
15%
5%
25%
27.2
34
40.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com