Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34725 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # TCS34725
Description  Color Light-to-Digital Converter with IR Filter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34725 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button TCS34725 Datasheet HTML 12Page - OSRAM GmbH TCS34725 Datasheet HTML 13Page - OSRAM GmbH TCS34725 Datasheet HTML 14Page - OSRAM GmbH TCS34725 Datasheet HTML 15Page - OSRAM GmbH TCS34725 Datasheet HTML 16Page - OSRAM GmbH TCS34725 Datasheet HTML 17Page - OSRAM GmbH TCS34725 Datasheet HTML 18Page - OSRAM GmbH TCS34725 Datasheet HTML 19Page - OSRAM GmbH TCS34725 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
ams Datasheet
Page 15
[v1-04] 2020-Apr-10
Document Feedback
TCS3472 − Principles of Operation
The registers for programming the integration and wait times
are a 2’s compliment values. The actual time can be calculated
as follows:
ATIME = 256 − Integration Time / 2.4 ms
Inversely, the time can be calculated from the register value as
follows:
Integration Time = 2.4 ms × (256 − ATIME)
For example, if a 100-ms integration time is needed, the device
needs to be programmed to:
256 − (100 / 2.4) = 256 − 42 = 214 = 0xD6
Conversely, the programmed value of 0xC0 would correspond
to:
(256 − 0xC0) × 2.4 = 64 × 2.4 = 154 ms.
Interrupts
The interrupt feature simplifies and improves system efficiency
by eliminating the need to poll the sensor for light intensity
values outside of a user-defined range. While the interrupt
function is always enabled and its status is available in the
status register (0x13), the output of the interrupt state can be
enabled using the RGBC interrupt enable (AIEN) field in the
enable register (0x00).
Two 16-bit interrupt threshold registers allow the user to set
limits below and above a desired light level. An interrupt can
be generated when the Clear data (CDATA) is less than the Clear
interrupt low threshold (AILTx) or is greater than the Clear
interrupt high threshold (AIHTx).
It is important to note that the thresholds are evaluated in
sequence, first the low threshold, then the high threshold. As a
result, if the low threshold is set above the high threshold, the
high threshold is ignored and only the low threshold is
evaluated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com