Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34725 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TCS34725
Description  Color Light-to-Digital Converter with IR Filter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34725 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TCS34725 Datasheet HTML 15Page - OSRAM GmbH TCS34725 Datasheet HTML 16Page - OSRAM GmbH TCS34725 Datasheet HTML 17Page - OSRAM GmbH TCS34725 Datasheet HTML 18Page - OSRAM GmbH TCS34725 Datasheet HTML 19Page - OSRAM GmbH TCS34725 Datasheet HTML 20Page - OSRAM GmbH TCS34725 Datasheet HTML 21Page - OSRAM GmbH TCS34725 Datasheet HTML 22Page - OSRAM GmbH TCS34725 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-04] 2020-Apr-10
TCS3472 − Principles of Operation
Power Management
Power consumption can be managed with the Wait state,
because the Wait state typically consumes only 65 μA of IDD
current. An example of the power management feature is given
below. With the assumptions provided in the example, average
IDD is estimated to be 152 μA.
Figure 21:
Power Management
Average IDD Current = ((43.2 × 0.065) + (43.2 × 0.235) +
(2.40 × 0.235)) / 89 ≈ 152 μA
Keeping with the same programmed values as the example,
Figure 22 shows how the average IDD current is affected by the
Wait state time, which is determined by WEN, WTIME, and
WLONG. Note that the worst-case current occurs when the Wait
state is not enabled.
Figure 22:
Average IDD Current
System State
Machine State
Programmable
Parameter
Programmed
Value
Duration
Typical
Current
Wait
WTIME
0xEE
43.2 ms
0.065 mA
WLONG
0
RGBC Init
2.40 ms
0.235 mA
RGBC ADC
ATIME
0xEE
43.2 ms
0.235 mA
WEN
WTIME
WLONG
WAIT State
Average IDD Current
0
n/a
n/a
0 ms
291
μA
1
0xFF
0
2.40 ms
280
μA
1
0XEE
0
43.2 ms
152
μA
1
0x00
0
614 ms
82
μA
10x00
1
7.37 s
67
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com