Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34725 Datasheet(PDF) 33 Page - OSRAM GmbH

Part # TCS34725
Description  Color Light-to-Digital Converter with IR Filter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34725 Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button TCS34725 Datasheet HTML 29Page - OSRAM GmbH TCS34725 Datasheet HTML 30Page - OSRAM GmbH TCS34725 Datasheet HTML 31Page - OSRAM GmbH TCS34725 Datasheet HTML 32Page - OSRAM GmbH TCS34725 Datasheet HTML 33Page - OSRAM GmbH TCS34725 Datasheet HTML 34Page - OSRAM GmbH TCS34725 Datasheet HTML 35Page - OSRAM GmbH TCS34725 Datasheet HTML 36Page - OSRAM GmbH TCS34725 Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-04] 2020-Apr-10
TCS3472 − Soldering & Storage Information
Soldering Information
The FN package has been tested and has demonstrated an
ability to be reflow soldered to a PCB substrate. The process,
equipment, and materials used in these test are detailed below.
The solder reflow profile describes the expected maximum heat
exposure of components during the solder reflow process of
product on a PCB. Temperature is measured on top of
component. The components should be limited to a maximum
of three passes through this solder reflow profile.
Figure 39:
Solder Reflow Profile
Figure 40:
Solder Reflow Profile Graph
Note(s):
1. Not to scale – for reference only.
Parameter
Reference
Device
Average temperature gradient in preheating
2.5ºC/s
Soak time
tsoak
2 to 3 minutes
Time above 217ºC (T1)t1
Max 60 s
Time above 230ºC (T2)t2
Max 50 s
Time above Tpeak - 10ºC (T3)t3
Max 10 s
Peak temperature in reflow
Tpeak
260ºC
Temperature gradient in cooling
Max -5ºC/s
Soldering & Storage
Information
(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com