Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34725 Datasheet(PDF) 22 Page - OSRAM GmbH

Part # TCS34725
Description  Color Light-to-Digital Converter with IR Filter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34725 Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button TCS34725 Datasheet HTML 18Page - OSRAM GmbH TCS34725 Datasheet HTML 19Page - OSRAM GmbH TCS34725 Datasheet HTML 20Page - OSRAM GmbH TCS34725 Datasheet HTML 21Page - OSRAM GmbH TCS34725 Datasheet HTML 22Page - OSRAM GmbH TCS34725 Datasheet HTML 23Page - OSRAM GmbH TCS34725 Datasheet HTML 24Page - OSRAM GmbH TCS34725 Datasheet HTML 25Page - OSRAM GmbH TCS34725 Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
ams Datasheet
Page 21
[v1-04] 2020-Apr-10
Document Feedback
TCS3472 − Register Description
Command Register
The command register specifies the address of the target
register for future write and read operations.
Figure 25:
Command Register
76543
2
1
0
CMD
TYPE
ADDR/SF
Fields
Bits
Description
CMD
7
Select Command Register. Must write as 1 when addressing COMMAND register.
TYPE
6:5
Selects type of transaction to follow in subsequent data transfers:
FIELD VALUE
TRANSACTION TYPE
00
Repeated byte protocol transaction
01
Auto-increment protocol transaction
10
Reserved — Do not use
11
Special function — See description below
Byte protocol will repeatedly read the same register with each data access. Block
protocol will provide auto-increment function to read successive bytes.
ADDR/SF
4:0
Address field/special function field. Depending on the transaction type, see above,
this field either specifies a special function command or selects the specific
control-status-data register for subsequent read and write transactions. The field
values listed below only apply to special function commands:
FIELD VALUE
READ VALUE
00110
Clear channel interrupt clear
Other
Reserved — Do not write
The Clear channel interrupt clear special function clears any pending interrupt and
is self-clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com