Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37727FN Datasheet(PDF) 17 Page - OSRAM GmbH

Part # TCS37727FN
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37727FN Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button TCS37727FN Datasheet HTML 13Page - OSRAM GmbH TCS37727FN Datasheet HTML 14Page - OSRAM GmbH TCS37727FN Datasheet HTML 15Page - OSRAM GmbH TCS37727FN Datasheet HTML 16Page - OSRAM GmbH TCS37727FN Datasheet HTML 17Page - OSRAM GmbH TCS37727FN Datasheet HTML 18Page - OSRAM GmbH TCS37727FN Datasheet HTML 19Page - OSRAM GmbH TCS37727FN Datasheet HTML 20Page - OSRAM GmbH TCS37727FN Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-14
TCS3772 − Principles of Operation
System State Machine
The TCS3772 provides control of RGBC, proximity detection,
and power management functionality through an internal state
machine (Figure 22). After a power-on-reset, the device is in the
sleep mode. As soon as the PON bit is set, the device will move
to the start state. It will then continue through the Prox, Wait,
and RGBC states. If these states are enabled, the device will
execute each function. If the PON bit is set to 0, the state
machine will continue until all conversions are completed and
then go into a low power sleep mode.
Figure 22:
Simplified State Diagram
Note(s): In this document, the nomenclature uses the bit field
name in italics followed by the register number and bit number
to allow the user to easily identify the register and bit that
controls the function. For example, the power on (PON) is in
register 0, bit 0. This is represented as PON (r0x00:b0).
Principles of Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com