Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37727FN Datasheet(PDF) 28 Page - OSRAM GmbH

Part # TCS37727FN
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37727FN Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button TCS37727FN Datasheet HTML 24Page - OSRAM GmbH TCS37727FN Datasheet HTML 25Page - OSRAM GmbH TCS37727FN Datasheet HTML 26Page - OSRAM GmbH TCS37727FN Datasheet HTML 27Page - OSRAM GmbH TCS37727FN Datasheet HTML 28Page - OSRAM GmbH TCS37727FN Datasheet HTML 29Page - OSRAM GmbH TCS37727FN Datasheet HTML 30Page - OSRAM GmbH TCS37727FN Datasheet HTML 31Page - OSRAM GmbH TCS37727FN Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
ams Datasheet
Page 27
[v1-01] 2018-Mar-14
Document Feedback
TCS3772 − Register Description
Command Register
The COMMAND registers specifies the address of the target
register for future write and read operations.
Figure 32:
Command Register
76543
2
1
0
CMD
TYPE
ADDR/SF
Field
Bits
Description
CMD
7
Select Command Register. Must write as 1 when addressing COMMAND register.
TYPE
6:5
Selects type of transaction to follow in subsequent data transfers:
FIELD VALUE
INTEGRATION TIME
00
Repeated byte protocol transaction
01
Auto-increment protocol transaction
10
Reserved – Do not use
11
Special function – See description below
Byte protocol will repeatedly read the same register with each data access. Block
protocol will provide auto-increment function to read successive bytes.
ADDR/SF
4:0
Address field/special function field. Depending on the transaction type, see
above, this field either specifies a special function command or selects the
specific control-status-register for following write and read transactions. The field
values listed below apply only to special function commands:
FIELD VALUE
READ VALUE
00101
Proximity interrupt clear
00110
Clear channel interrupt clear
00111
Proximity and Clear interrupt clear
Other
Reserved – Do not write
The ALS and Proximity interrupt clear special functions clear any pending
interrupt(s) and are self clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com