Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37727FN Datasheet(PDF) 24 Page - OSRAM GmbH

Part # TCS37727FN
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37727FN Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button TCS37727FN Datasheet HTML 20Page - OSRAM GmbH TCS37727FN Datasheet HTML 21Page - OSRAM GmbH TCS37727FN Datasheet HTML 22Page - OSRAM GmbH TCS37727FN Datasheet HTML 23Page - OSRAM GmbH TCS37727FN Datasheet HTML 24Page - OSRAM GmbH TCS37727FN Datasheet HTML 25Page - OSRAM GmbH TCS37727FN Datasheet HTML 26Page - OSRAM GmbH TCS37727FN Datasheet HTML 27Page - OSRAM GmbH TCS37727FN Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
ams Datasheet
Page 23
[v1-01] 2018-Mar-14
Document Feedback
TCS3772 − Principles of Operation
Power Management
Power consumption can be managed with the Wait state,
because the Wait state typically consumes only 65
μA of IDD
current. An example of the power management feature is given
below. With the assumptions provided in the example, average
IDD is estimated to be 186 μA.
Figure 28:
Power Management
Note(s):
1. Prox Accum - LED ON time = 6.3
μs per pulse × 4 pulses = 25.2 μs = 0.025 ms
2. Prox Accum - LED OFF time = 7.7
μs per pulse × 4 pulses = 30.9 μs = 0.031 ms
Average IDD Current = ((0.025 × 109) + (0.031 × 0.235) + (2.40 × 0.235) + (43.1 × 0.065) + (43.1 × 0.263) + (2.40 × 0.235 × 2)) / 93 ≈ 186 μA
Keeping with the same programmed values as the example,
Figure 29 shows how the average IDD current is affected by the
Wait state time, which is determined by WEN, WTIME, and
WLONG. Note that the worst-case current occurs when the Wait
state is not enabled.
Figure 29:
Average IDD Current
System State
Machine State
Programmable
Parameter
Programmed
Value
Duration
Typical
Current
Prox Accum
PPULSE
0x04
0.056 ms
Prox Accum - LED ON
0.025 ms (1)
109 mA
Prox Accum - LED OFF
0.031 ms (2)
0.235 mA
Prox Wait
2.40 ms
0.235 mA
Prox ADC
PTIME
0xFF
2.40 ms
0.235 mA
Wait
WTIME
0xEE
43.1 ms
0.065 mA
WLONG
0
ALS Init
2.40 ms
0.235 mA
ALS ADC
ATIME
0xEE
43.1 ms
0.235 mA
WEN
WTIME
WLONG
WAIT State
Average IDD Current
0
n/a
n/a
0 ms
289
μA
1
0xFF
0
2.40 ms
279
μA
1
0xEE
0
43.1 ms
186
μA
1
0x00
0
613 ms
82
μA
10x00
1
7.36 s
67
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com