Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37727FN Datasheet(PDF) 32 Page - OSRAM GmbH

Part # TCS37727FN
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37727FN Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button TCS37727FN Datasheet HTML 28Page - OSRAM GmbH TCS37727FN Datasheet HTML 29Page - OSRAM GmbH TCS37727FN Datasheet HTML 30Page - OSRAM GmbH TCS37727FN Datasheet HTML 31Page - OSRAM GmbH TCS37727FN Datasheet HTML 32Page - OSRAM GmbH TCS37727FN Datasheet HTML 33Page - OSRAM GmbH TCS37727FN Datasheet HTML 34Page - OSRAM GmbH TCS37727FN Datasheet HTML 35Page - OSRAM GmbH TCS37727FN Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
ams Datasheet
Page 31
[v1-01] 2018-Mar-14
Document Feedback
TCS3772 − Register Description
Clear Interrupt Threshold Registers
(0x04 - 0x07)
The CLEAR INTERRUPT THRESHOLD registers provides the
values to be used as the high and low trigger points for the
comparison function for interrupt generation. If the value
generated by the clear channel crosses below the lower
threshold specified, or above the higher threshold, an interrupt
is asserted on the interrupt pin.
Figure 37:
Clear Interrupt Threshold Registers
Proximity Interrupt Threshold Registers
(0x08 - 0x0B)
The PROXIMITY INTERRUPT THRESHOLD registers provide the
values to be used as the high and low trigger points for the
comparison function for interrupt generation. If the value
generated by proximity channel crosses below the lower
threshold specified, or above the higher threshold, an interrupt
is signalled to the host processor.
Figure 38:
Proximity Interrupt Threshold Registers
Register
Address
Bits
Description
AILTL
0x04
7:0
Clear channel low threshold lower byte
AILTH
0x05
7:0
Clear channel low threshold upper byte
AIHTL
0x06
7:0
Clear channel high threshold lower byte
AIHTH
0x07
7:0
Clear channel high threshold upper byte
Register
Address
Bits
Description
PILTL
0x08
7:0
Proximity ADC channel low threshold lower byte
PILTH
0x09
7:0
Proximity ADC channel low threshold upper byte
PIHTL
0x0A
7:0
Proximity ADC channel high threshold lower byte
PIHTH
0x0B
7:0
Proximity ADC channel high threshold upper byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com