Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37727FN Datasheet(PDF) 22 Page - OSRAM GmbH

Part # TCS37727FN
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37727FN Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button TCS37727FN Datasheet HTML 18Page - OSRAM GmbH TCS37727FN Datasheet HTML 19Page - OSRAM GmbH TCS37727FN Datasheet HTML 20Page - OSRAM GmbH TCS37727FN Datasheet HTML 21Page - OSRAM GmbH TCS37727FN Datasheet HTML 22Page - OSRAM GmbH TCS37727FN Datasheet HTML 23Page - OSRAM GmbH TCS37727FN Datasheet HTML 24Page - OSRAM GmbH TCS37727FN Datasheet HTML 25Page - OSRAM GmbH TCS37727FN Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
ams Datasheet
Page 21
[v1-01] 2018-Mar-14
Document Feedback
TCS3772 − Principles of Operation
System Timing
The system state machine shown in Figure 22 provides an
overview of the states and state transitions that provide system
control of the device. This section highlights the programmable
features, which affect the state machine cycle time, and
provides details to determine system level timing.
When the proximity detection feature is enabled (PEN), the
state machine transitions through the Prox Accum, Prox Wait,
and Prox ADC states. The Prox Wait time is a fixed 2.4ms,
whereas the Prox Accum time is determined by the number of
proximity LED pulses (PPULSE) and the Prox ADC time is
determined by the integration time (PTIME). The formulas to
determine the Prox Accum and Prox ADC times are given in the
associated boxes in Figure 27. If an interrupt is generated as a
result of the proximity cycle, it will be asserted at the end of the
Prox ADC state.
When the power management feature is enabled (WEN), the
state machine will transition in turn to the Wait state. The wait
time is determined by WLONG, which extends normal operation
by 12× when asserted, and WTIME. The formula to determine
the wait time is given in the box associated with the Wait state
in Figure 27.
When the RGBC feature is enabled (AEN), the state machine will
transition through the RGBC Init and RGBC ADC states. The
RGBC Init state takes 2.4 ms, while the RGBC ADC time is
dependent on the integration time (ATIME). The formula to
determine RGBC ADC time is given in the associated box in
Figure 27. If an interrupt is generated as a result of the RGBC
cycle, it will be asserted at the end of the RGBC ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com