Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  Accessories for pneumatic stroke and rotary actuators – CLASSIC and ELEMENT process valves
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  2000 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Type 2XXX
3 | 14
Visit product website 
1.
General technical data
Product properties
Type 8697
Detailed information can be found in chapter “2.1. Type 8697 - Electrical position feed-
back for CLASSIC valves” on page 4
Electrical position feedback
(Actuator Ø 20…225)
Mechanical limit switches (0…48 V or 50…250 V AC/DC)
Inductive limit switches (24 V DC, PNP shutter 3-wire with LEDs)
Inductive limit switches (24 V DC, shutter 2-wire with LEDs)
NAMUR inductive limit switches (8.2 V DC, 2-wire with LEDs).
Type 1060
Detailed information can be found in chapter “2.3. Type 1060 - Electrical position feed-
back for CLASSIC valves” on page 7
Position feedback
(Actuator Ø 50…225)
Change-over contact
Adapter for proximity switch
Detailed information can be found in chapter “2.4. Proximity switch adapters for CLAS-
SIC valves” on page 8
Adapter for proximity switches M12 x 1 (fastening angle)
Adapter for proximity switches (Nipple with thread M12x1)
Stroke limitation
(Actuator Ø 50…225)
Detailed information can be found in chapter “2.5. Stroke limiter for stroke actuators for
CLASSIC valves” on page 9 and “2.6. Stroke limiter for stroke actuators for ELE-
MENT valves” on page 11.
Max. upper stroke limitation, without optical position indicator
Max. and min. stroke limitation, with optical position indicator
Manual override
(Actuator Ø 50…125)
Detailed information can be found in chapter “2.7. Manual override for stroke actuator
for CLASSIC valves” on page 12.
With visual position indication for valve operation when pressure drops
NAMUR-Adapter
(Actuator Ø 50…125)
Detailed information can be found in chapter “2.8. NAMUR-Adapter for pilot valve for
CLASSIC valves” on page 13.
Adapter plate with screw connection for pilot valve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com