Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  Accessories for pneumatic stroke and rotary actuators – CLASSIC and ELEMENT process valves
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 2000 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Type 2XXX
7 | 14
Visit product website 
Ordering chart
Description
Actuator size Ø
Article no.
Circuit function A
Circuit function B
Electrical position feedback with adaptation for Type 2060
32 mm
Note: must be ordered as system type 8803 -
please contact the appropriate Bürkert sales
office.
Electrical position feedback with adaptation for Type 2063
Electrical position feedback with adaptation for Type 2080
2.3. Type 1060 - Electrical position feedback for CLASSIC valves
The electrical position feedback is screwed in, instead of the visual position indicator. While the valve is opening, the piston of the
actuator lifts a palm-button. This button actuates a micro switch with change-over contact, which gives the electrical feedback of the
valve position. The palm-button also acts as an optical position indicator.
General technical data
Product properties
Material
Plastic
Electrical data
Micro switch
Change-over contact
Electrical connection
Solder connections, cable entry sealed by gland with cable grip to suit
cable Ø 5…9 mm
Contact rating
Max. 250 V AC
Max. 5 A resistance or inductive load current
Max. 250 V DC
0.25 A resistance or 0.02 A inductive load current
Environment and installation
Max. continuous temperature + 125 ºC
Installation
Screwed in instead of the visual position indicator
Degree of protection
IP65
Dimensions
Note:
Dimensions in mm
32
27
Ø 32
Ø 50-80: SW 32
Ø 100;125: SW 41
Ø 41
33.5
Ø40: SW30 (with cover)
Ø175-225: SW 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com