Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  Accessories for pneumatic stroke and rotary actuators – CLASSIC and ELEMENT process valves
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Type 2XXX
9 | 14
Visit product website 
Actuator
size (Ø)
A
B
C
D
E
F
Ø G H
J
K
L
M
50, 63, 80 65.5 32 42.5 –
–
29 61.5 A/F19 A/F30 48
51 –
100, 125
80.5 35 45.5 –
–
29 61.5 A/F19 A/F30 49
53 –
50, 63, 80 80.5 28 –
74
85
24 52
A/F19 A/F30 59
–
78
100, 125
95.5 31 –
77
88
24 52
A/F19 A/F30 69
–
80
175, 225
145 68 –
136 147 24 52
A/F19 A/F30 104 –
121
Actuator size
(Ø)
A
B
C
40
25
A/F30
29.5
50, 63, 80
6
A/F32
17
100, 125
6
A/F41
21
175, 225
28.5
A/F32
33
Ordering chart
Adapter for proximity switches M12 x 1
Adapter for proximity switch
(fastening angle)
(Nipple with M12 x 1 thread; single version, only
for valve with circuit function A, normally closed
by spring action.)
Sensor
Actuator size (Ø) [mm]
Article no.
Single
50, 63, 80
649381 
Single
100, 125
649382 
Double
50, 63, 80
667988 
Double
100, 125
667989 
Double
175, 225
669810 
Actuator size (Ø) [mm]
Article no.
40
On request
50, 63, 80
648152 
100, 125
649257 
175, 225
669773 
2.5. Stroke limiter for stroke actuators for CLASSIC valves
General technical data
Max. stroke limitation without visual position indicator
Ø 40…125 mm
Ø 175…225 mm
Product properties
Max. stroke limitation
Special feature
Without visual position indicator (upper stroke limitation only)
(Single version, only for valve with circuit function A, normal-
ly closed by spring action.)
Mounting
Screw in stroke limiter (instead of the transparent cover for
the visual position indicator)
For Ø 100 and Ø 125, actuator cover must be removed for
mounting, to do this a special key is required (see “Order-
ing chart for mounting key (for actuator cover)” on page
12)
Min./Max. stroke limitation with visual position indicator
Ø 50…125 mm
Ø 175 mm
Product properties
Max./min. stroke limitation
Special feature
Max. & min. flow setting (upper and lower stroke limitation)
with visual position indicator
Mounting
Actuator cover must be removed for mounting, to do this a
special key is required (see “Ordering chart for mounting
key (for actuator cover)” on page 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com