Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  Accessories for pneumatic stroke and rotary actuators – CLASSIC and ELEMENT process valves
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Type 2XXX
11 | 14
Visit product website 
2.6. Stroke limiter for stroke actuators for ELEMENT valves
General technical data
Max. stroke limitation without visual position indicator
Ø 50 mm
Ø 70…130 mm
Product properties
Max. stroke limitation
Special feature
Without visual position indicator (upper stroke limitation only)
Mounting
Screw in stroke limiter (instead of the transparent cover for
the visual position indicator)
Min./Max. stroke limitation with visual position indicator
Ø 50 mm
Ø 70…130 mm
Product properties
Max./min. stroke limitation
Special feature
Max. and min. flow setting (upper and lower stroke limitation)
with visual position indicator
Mounting
Screw in stroke limiter (instead of the transparent cover for
the visual position indicator)
Dimensions
Note:
Dimensions in mm
Actuator size 50 mm
Actuator size 70…130 mm
ØA
6-kt- SW6
6-kt SW16
2-kt SW
ØA
Actuator ØA
B
C
2-kt SW
D
20
15
40
17
M
42
18
53
24
N
16
P
2
Actuator
ØA
B
C
D
27
38
66
M
45
61
100
N
59
P
45
1.) Measurement B for Angle-seat valve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com