Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  Accessories for pneumatic stroke and rotary actuators – CLASSIC and ELEMENT process valves
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  2000 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Type 2XXX
5 | 14
Visit product website 
Dimensions
Note:
Dimensions in mm
Ø 65.4
40.2
56.3
Electrical position feedback for mounting on process valve CLASSIC actuators
Ordering chart
Note:
cULus only valid for versions without ATEX approval
End position feedback
Electrical
connec-
tion
ATEX/IECEx
Cat. 3D/G
Zone 22/21.)
ATEX/IECEx
Cat. 2D/G
Zone 21/12.)
ATEX/
IECEX
Cat. 2G
Zone 13.)
cULus
Article no.
Induc-
tive
switch
3-wire
PNP
Induc-
tive
switch
2-wire
NAMUR
Induc-
tive
switch
2-wire
24 V DC
Micro
switch
24 V DC
Micro
switch
50…250 V
AC/DC
Feed-
back
status
LEDs
Actuator
series
CLASSIC
Types 20XX
Feedback, without pilot valve (Actuator size 40 to 225)
2
–
–
–
–
Yes
Cable
gland
–
–
–
Yes
248827 
2
–
–
–
–
Yes
Yes
–
–
–
255851 
2
–
–
–
–
Yes
M12
connector
Yes
–
–
–
255858 
2
–
–
–
–
Yes
–
–
–
Yes
250472 
–
2
–
–
–
Yes
Cable
gland
–
Yes
–
–
248831 
–
2
–
–
–
Yes
–
–
Yes
–
255863 
–
–
2
–
–
Yes
–
–
–
Yes
248826 
–
–
2
–
–
Yes
Yes
–
–
–
255850 
–
–
–
2
–
–
–
–
–
Yes
248833 
–
–
–
–
2
–
–
–
–
Yes
248825 
1.) II 3D Ex tc IIIC T135II 3G Ex nA IIC T4 Gc
2.) II 2D Ex ia IIIC T135 °C IP64/II 2G Ex ia IIC T4 Gb
3.) II 2G Ex ia IIC T4 Gb
Adapter kits
Adapter kits for third-party actuators can be found in the data sheet Adaptation for third-party actuators, KK01  or contact the
appropriate Bürkert sales office.
Note:
Has to be ordered separately
Description
Actuator size Ø
Article no.
Adapter kit
CLASSIC Type 20xx
40 mm
698573 
50/63/80 mm
682264 
100/125 mm
682265 
175/225 mm
684944 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com