Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD37024VC Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TMD37024VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37024VC Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TMD37024VC Datasheet HTML 4Page - OSRAM GmbH TMD37024VC Datasheet HTML 5Page - OSRAM GmbH TMD37024VC Datasheet HTML 6Page - OSRAM GmbH TMD37024VC Datasheet HTML 7Page - OSRAM GmbH TMD37024VC Datasheet HTML 8Page - OSRAM GmbH TMD37024VC Datasheet HTML 9Page - OSRAM GmbH TMD37024VC Datasheet HTML 10Page - OSRAM GmbH TMD37024VC Datasheet HTML 11Page - OSRAM GmbH TMD37024VC Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
Datasheet, Public
Page 7
[v2-00] 2023-Mar-14
Document Feedback
TMD3702VC − Electrical Characteristics
Figure 8:
Optical Characteristics (VDD = 1.8V, TA = 25°C unless otherwise noted)
Figure 9:
Color/ALS Sensor Characteristics (VDD = 1.8V, TA = 25°C unless otherwise noted)
Note(s):
1. Test condition integration time = 27.8ms.
2. Representative result by characterization.
3. The typical value on 3-sigma distribution. An AGAIN setting of 16x correlates to a typically dark ADC count value less than or equal to 1.
Parameter
Conditions
Min
Typ
Max
Unit
Re
Irradiance responsivity
Settings:
AGAIN = 16x
ATIME = 150ms
Clear Channel
λD = 465 nm LED, 53.8μW/cm
2
44.8
count/
(μW/cm2)
λD = 530 nm LED, 43.9μW/cm
2
86.0
λD = 620 nm LED, 37.5μW/cm
2
104
Warm White LED, 45.6μW/cm2
83.2
Warm White LED, 45.6μW/cm2
3323
3792
4361
counts
IR Channel
λD = 940 nm LED, 21.1μW/cm
2
44.0
count/
(μW/cm2)
Parameter
Conditions
Min
Typ
Max
Unit
Integration time step size
2.68
2.78
2.90
ms
Dark ADC count value
Ee = 0μW/cm2
AGAIN: 512x
ATIME = 100ms
01
2
counts (3)
Gain scaling, relative to 64x
gain setting (1)
AGAIN = 1x
0.0145
0.016
0.0175
x
AGAIN = 4x
0.060
0.064
0.068
AGAIN = 16x
0.240
0.255
0.270
AGAIN = 128x
1.8
2.0
2.2
AGAIN = 256x
3.6
4.0
4.4
AGAIN = 512x
7.0
7.7
8.4
ADC noise (2)
AGAIN = 512x
ATIME = 100ms
0.02
% (σ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com