Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD37024VC Datasheet(PDF) 30 Page - OSRAM GmbH

Part # TMD37024VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37024VC Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button TMD37024VC Datasheet HTML 26Page - OSRAM GmbH TMD37024VC Datasheet HTML 27Page - OSRAM GmbH TMD37024VC Datasheet HTML 28Page - OSRAM GmbH TMD37024VC Datasheet HTML 29Page - OSRAM GmbH TMD37024VC Datasheet HTML 30Page - OSRAM GmbH TMD37024VC Datasheet HTML 31Page - OSRAM GmbH TMD37024VC Datasheet HTML 32Page - OSRAM GmbH TMD37024VC Datasheet HTML 33Page - OSRAM GmbH TMD37024VC Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
Datasheet, Public
Page 29
[v2-00] 2023-Mar-14
Document Feedback
TMD3702VC − Register Description
CFG1 Register (Address 0x90)
Figure 37:
CFG1 Register
Note(s):
1. The IR multiplexer is not synchronized to the ALS/Color measurement sequencer. It is recommended that after the IR_MUX bit is
changed, to either discard the first ALS/color measurement or wait at least two ALS/color integration times before reading the results.
REVID Register (Address 0x91)
Figure 38:
REVID Register
Addr: 0x90
CFG1
Bit
Bit Name
Default
Access
Bit Description
7
Reserved
0
RW
Reserved. Must be set to default value.
6IR_MUX
0
RW
If set high, the IR (proximity) photodiode is switched into
the Green channel’s data converter. GDATAL/H register
will report IR content. Green photodiode is not
connected in this mode (1).
5Reserved
0
RW
Reserved. Must be set to 1. If this bit is 0, the VCSEL
current will be 2x the nominal value.
4:0
AGAIN
9
(01001)
RW
This field sets the gain of the ALS/Color sensor.
Value
ALS Gain
1 (00001)
1x
3 (00011)
4x
5 (00101)
16x
7 (00111)
64x
8 (01000)
128x
9 (01001)
256x
10 (01010)
512x
All other values
Reserved
Addr: 0x91
REVID
Bit
Bit Name
Default
Access
Bit Description
7:3
Reserved
00000
RO
Reserved.
2:0
REV_ID
001
RO
Device revision number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com