Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD37024VC Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TMD37024VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37024VC Datasheet(HTML) 2 Page - OSRAM GmbH

  TMD37024VC Datasheet HTML 1Page - OSRAM GmbH TMD37024VC Datasheet HTML 2Page - OSRAM GmbH TMD37024VC Datasheet HTML 3Page - OSRAM GmbH TMD37024VC Datasheet HTML 4Page - OSRAM GmbH TMD37024VC Datasheet HTML 5Page - OSRAM GmbH TMD37024VC Datasheet HTML 6Page - OSRAM GmbH TMD37024VC Datasheet HTML 7Page - OSRAM GmbH TMD37024VC Datasheet HTML 8Page - OSRAM GmbH TMD37024VC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
Datasheet, Public
Page 1
[v2-00] 2023-Mar-14
Document Feedback
TMD3702VC
Narrow ALS, Color and Proximity
Sensor Module
The TMD3702VC features proximity detection, color sense
(RGBC+IR), and digital ambient light sensing (ALS). The
extremely narrow 1.44mm module incorporates an IR VCSEL
and factory calibrated VCSEL driver. The proximity detection
feature provides object detection (e.g. mobile device screen to
user’s ear) by photodiode detection of reflected IR energy
(sourced by the integrated VCSEL). Detect/release events are
interrupt driven, and occur when proximity result crosses upper
and/or lower threshold settings. The proximity engine features
a wide range offset adjustment to compensate for unwanted IR
energy reflection at the sensor. Proximity results are further
improved by automatic ambient light subtraction. The color
photodiodes have UV and IR blocking filters and dedicated data
converters producing 16-bit data. This architecture allows
applications to accurately measure ambient light which
enables devices to calculate illuminance and color temperature
to control display backlight and chromaticity.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TMD3702VC, Narrow ALS, Color and
Proximity Sensor Module are listed below:
Figure 1:
Added Value of Using TMD3702VC
Benefits
Features
• Single device integrated optical solution
• ALS + color + proximity
• 1.44mm x 2.84mm x 0.65mm module
• ±48
° field of view
• Integrated 940nm IR VCSEL
• Power management features
• I²C fast mode interface compatible
• Accurate ambient light sensing
• 5 channels (RGBC + IR)
• UV / IR blocking filters
• Programmable gain and integration time
• Reduced power consumption
• 1.8V power supply with 1.8V I²C bus
• Sleep mode
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com