Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD37024VC Datasheet(PDF) 10 Page - OSRAM GmbH

Part # TMD37024VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37024VC Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button TMD37024VC Datasheet HTML 6Page - OSRAM GmbH TMD37024VC Datasheet HTML 7Page - OSRAM GmbH TMD37024VC Datasheet HTML 8Page - OSRAM GmbH TMD37024VC Datasheet HTML 9Page - OSRAM GmbH TMD37024VC Datasheet HTML 10Page - OSRAM GmbH TMD37024VC Datasheet HTML 11Page - OSRAM GmbH TMD37024VC Datasheet HTML 12Page - OSRAM GmbH TMD37024VC Datasheet HTML 13Page - OSRAM GmbH TMD37024VC Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
Datasheet, Public
Page 9
[v2-00] 2023-Mar-14
Document Feedback
TMD3702VC − Typical Operating Characteristics
Figure 11:
ALS Average Angular Response to 2700K White LED (pin1[-90°] to pin4 [90°])
Figure 12:
ALS Average Angular Response to 2700K White LED (pin4 [-90°] to pin5 [90°])
Typical Operating
Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90
-70
-50
-30
-10
10
30
50
70
90
Angle of Incidence (degrees)
Clear
Red
Green
Blue
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90
-70
-50
-30
-10
10
30
50
70
90
Angle of Incidence (degrees)
Clear
Red
Green
Blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com