Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD37024VC Datasheet(PDF) 26 Page - OSRAM GmbH

Part # TMD37024VC
Description  Narrow ALS, Color and Proximity Sensor Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37024VC Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button TMD37024VC Datasheet HTML 22Page - OSRAM GmbH TMD37024VC Datasheet HTML 23Page - OSRAM GmbH TMD37024VC Datasheet HTML 24Page - OSRAM GmbH TMD37024VC Datasheet HTML 25Page - OSRAM GmbH TMD37024VC Datasheet HTML 26Page - OSRAM GmbH TMD37024VC Datasheet HTML 27Page - OSRAM GmbH TMD37024VC Datasheet HTML 28Page - OSRAM GmbH TMD37024VC Datasheet HTML 29Page - OSRAM GmbH TMD37024VC Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
Datasheet, Public
Page 25
[v2-00] 2023-Mar-14
Document Feedback
TMD3702VC − Register Description
PERS Register (Address 0x8C)
Figure 33:
PERS Register
The frequency of consecutive proximity channel results outside
of threshold limits are counted; this count value is compared
against the PPERS value. If the counter is equal to the PPERS
value an interrupt is asserted. Any time a proximity channel
result is inside the threshold values the counter is cleared.
Addr: 0x8C
PERS
Bit
Bit Name
Default
Access
Bit Description
7:4
PPERS
0
(0000)
RW
This register sets the proximity persistence filter.
Value
Interrupt
0 (0000)
Every proximity cycle
1 (0001)
Any value outside proximity thresholds
2 (0010)
2 consecutive proximity values out of range
3 (0011)
3 consecutive proximity values out of range
…….
15 (1111)
15 consecutive proximity values out of range
3:0
APERS
0
(0000)
RW
This register sets the ALS persistence filter.
0 (0000)
Every ALS cycle
1 (0001)
Any value outside ALS thresholds
2 (0010)
2 consecutive ALS values out of range
3 (0011)
3 consecutive ALS values out of range
4 (0100)
5 consecutive ALS values out of range
5 (0101)
10 consecutive ALS values out of range
6 (0110)
15 consecutive ALS values out of range
7 (0111)
20 consecutive ALS values out of range
……
13 (1101)
50 consecutive ALS values out of range
14 (1110)
55 consecutive ALS values out of range
15 (1111)
60 consecutive ALS values out of range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com