Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2569CS Datasheet(PDF) 10 Page - OSRAM GmbH

Part # TSL2569CS
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2569CS Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button TSL2569CS Datasheet HTML 6Page - OSRAM GmbH TSL2569CS Datasheet HTML 7Page - OSRAM GmbH TSL2569CS Datasheet HTML 8Page - OSRAM GmbH TSL2569CS Datasheet HTML 9Page - OSRAM GmbH TSL2569CS Datasheet HTML 10Page - OSRAM GmbH TSL2569CS Datasheet HTML 11Page - OSRAM GmbH TSL2569CS Datasheet HTML 12Page - OSRAM GmbH TSL2569CS Datasheet HTML 13Page - OSRAM GmbH TSL2569CS Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
ams Datasheet
Page 9
[v1-00] 2016-Apr-12
Document Feedback
T S L2568, T S L2569 − Electrical Characteristics
ADC count value
λp = 640nm, Tint = 101ms
Ee = 33μW/cm
2
Ch0
3000
4000
5000
counts
Ch1
1000
λp = 940nm, Tint = 101ms
Ee = 106μW/cm
2
Ch0
2800
4000
5200
Ch1
3520
λp = 640nm, Tint = 101ms
Ee = 34.5μW/cm
2
Ch0
3000
4000
5000
counts
Ch1
840
λp = 940nm, Tint = 101ms
Ee = 110.9μW/cm
2
Ch0
2800
4000
5200
Ch1
3440
ADC count value ratio:
Ch1/Ch0
λp = 640nm, Tint = 101ms
0.18
0.25
0.32
0.14
0.21
0.28
λp = 940nm, Tint = 101ms
0.73
0.88
1.03
0.70
0.86
1.01
Re
Irradiance responsivity
λp = 640nm, Tint = 101ms
Ch0
121
116
counts/
(μW/cm2)
Ch1
30.3
24
λp = 940nm, Tint = 101ms
Ch0
37.7
36
Ch1
33.2
31
Rv
Illuminance responsivity
Fluorescent light source:
Tint = 402ms
Ch0
185
180
counts/lux
Ch1
35
33.3
Incandescent light source:
Tint = 402ms
Ch0
599
537
Ch1
330
307
Symbol
Parameter
Test Conditions
Channel
TSL2568T,
TSL2569T
TSL2568CS,
TSL2569CS
Unit
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com