Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2569CS Datasheet(PDF) 18 Page - OSRAM GmbH

Part # TSL2569CS
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2569CS Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button TSL2569CS Datasheet HTML 14Page - OSRAM GmbH TSL2569CS Datasheet HTML 15Page - OSRAM GmbH TSL2569CS Datasheet HTML 16Page - OSRAM GmbH TSL2569CS Datasheet HTML 17Page - OSRAM GmbH TSL2569CS Datasheet HTML 18Page - OSRAM GmbH TSL2569CS Datasheet HTML 19Page - OSRAM GmbH TSL2569CS Datasheet HTML 20Page - OSRAM GmbH TSL2569CS Datasheet HTML 21Page - OSRAM GmbH TSL2569CS Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
ams Datasheet
Page 17
[v1-00] 2016-Apr-12
Document Feedback
TSL2568, TSL2569 − Principles of Operation
SMBus and I²C Protocols
Each Send and Write protocol is, essentially, a series of bytes. A
byte sent to the TSL256x with the most significant bit (MSB)
equal to 1 will be interpreted as a COMMAND byte. The lower
four bits of the COMMAND byte form the register select address
(see Figure 27), which is used to select the destination for the
subsequent byte(s) received. The TSL256x responds to any
Receive Byte requests with the contents of the register specified
by the stored register select address.
The TSL256X implements the following protocols of the SMB
2.0 specification:
• Send Byte Protocol
• Receive Byte Protocol
• Write Byte Protocol
• Write Word Protocol
• Read Word Protocol
• Block Write Protocol
• Block Read Protocol
The TSL256X implements the following protocols of the Philips
Semiconductor I²C specification:
• I²C Write Protocol
• I²C Read (Combined Format) Protocol
When an SMBus Block Write or Block Read is initiated (see
description of Command Register), the byte following the
COMMAND byte is ignored but is a requirement of the SMBus
specification. This field contains the byte count (i.e. the number
of bytes to be transferred). The TSL2568 (SMBus) device ignores
this field and extracts this information by counting the actual
number of bytes transferred before the Stop condition is
detected.
When an I²C Write or I²C Read (Combined Format) is initiated,
the byte count is also ignored but follows the SMBus protocol
specification. Data bytes continue to be transferred from the
TSL2569 (I²C) device to Master until a NACK is sent by the Master.
The data formats supported by the TSL2568 and TSL2569
devices are:
• Master transmitter transmits to slave receiver
(SMBus and I²C):
• The transfer direction in this case is not changed.
• Master reads slave immediately after the first byte
(SMBus only):
• At the moment of the first acknowledgment
(provided by the slave receiver) the master
transmitter becomes a master receiver and the slave
receiver becomes a slave transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com