Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2569CS Datasheet(PDF) 27 Page - OSRAM GmbH

Part # TSL2569CS
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2569CS Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button TSL2569CS Datasheet HTML 23Page - OSRAM GmbH TSL2569CS Datasheet HTML 24Page - OSRAM GmbH TSL2569CS Datasheet HTML 25Page - OSRAM GmbH TSL2569CS Datasheet HTML 26Page - OSRAM GmbH TSL2569CS Datasheet HTML 27Page - OSRAM GmbH TSL2569CS Datasheet HTML 28Page - OSRAM GmbH TSL2569CS Datasheet HTML 29Page - OSRAM GmbH TSL2569CS Datasheet HTML 30Page - OSRAM GmbH TSL2569CS Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-12
TSL2568, TSL2569 − Principles of Operation
Interrupt Threshold Register (2h − 5h)
The Interrupt Threshold registers store the values to be used as
the high and low trigger points for the comparison function for
interrupt generation. If the value generated by channel 0
crosses below or is equal to the low threshold specified, an
interrupt is asserted on the interrupt pin. If the value generated
by channel 0 crosses above the high threshold specified, an
interrupt is asserted on the interrupt pin. Registers
THRESHLOWLOW and THRESHLOWHIGH provide the low byte
and high byte, respectively, of the lower interrupt threshold.
Registers THRESHHIGHLOW and THRESHHIGHHIGH provide the
low and high bytes, respectively, of the upper interrupt
threshold. The high and low bytes from each set of registers are
combined to form a 16-bit threshold value. The interrupt
threshold registers default to 00h on power up.
Figure 32:
Interrupt Threshold Register
Note(s):
1. Since two 8-bit values are combined for a single 16-bit value for each of the high and low interrupt thresholds, the Send Byte protocol
should not be used to write to these registers. Any values transferred by the Send Byte protocol with the MSB set would be interpreted
as the COMMAND field and stored as an address for subsequent read/write operations and not as the interrupt threshold information
as desired. The Write Word protocol should be used to write byte-paired registers. For example, the THRESHLOWLOW and
THRESHLOWHIGH registers (as well as the THRESHHIGHLOW and THRESHHIGHHIGH registers) can be written together to set the
16-bit ADC value in a single transaction.
Interrupt Control Register (6h)
The Interrupt Register controls the extensive interrupt
capabilities of the TSL256x. The TSL256x permits both
SMB-Alert style interrupts as well as traditional level-style
interrupts. The interrupt persist bit field (PERSIST ) provides
control over when interrupts occur. A value of 0 causes an
interrupt to occur after every integration cycle regardless of the
threshold settings. A value of 1 results in an interrupt after one
integration time period outside the threshold window. A value
of N (where N is 2 through15) results in an interrupt only if the
value remains outside the threshold window for N consecutive
integration cycles. For example, if N is equal to 10 and the
integration time is 402ms, then the total time is approximately
4 seconds.
Register
Address
Bits
Description
THRESHLOWLOW
2h
7:0
ADC channel 0 lower byte of the low threshold
THRESHLOWHIGH
3h
7:0
ADC channel 0 upper byte of the low threshold
THRESHHIGHLOW
4h
7:0
ADC channel 0 lower byte of the high threshold
THRESHHIGHHIGH
5h
7:0
ADC channel 0 upper byte of the high threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com