Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2569CS Datasheet(PDF) 17 Page - OSRAM GmbH

Part # TSL2569CS
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2569CS Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button TSL2569CS Datasheet HTML 13Page - OSRAM GmbH TSL2569CS Datasheet HTML 14Page - OSRAM GmbH TSL2569CS Datasheet HTML 15Page - OSRAM GmbH TSL2569CS Datasheet HTML 16Page - OSRAM GmbH TSL2569CS Datasheet HTML 17Page - OSRAM GmbH TSL2569CS Datasheet HTML 18Page - OSRAM GmbH TSL2569CS Datasheet HTML 19Page - OSRAM GmbH TSL2569CS Datasheet HTML 20Page - OSRAM GmbH TSL2569CS Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-12
TSL2568, TSL2569 − Principles of Operation
Analog-to-Digital Converter
The TSL256x contains two integrating analog-to-digital
converters (ADC) that integrate the currents from the channel
0 and channel 1 photodiodes. Integration of both channels
occurs simultaneously, and upon completion of the conversion
cycle the conversion result is transferred to the channel 0 and
channel 1 data registers, respectively. The transfers are double
buffered to ensure that invalid data is not read during the
transfer. After the transfer, the device automatically begins the
next integration cycle.
Digital Interface
Interface and control of the TSL256x is accomplished through
a two-wire serial interface to a set of registers that provide
access to device control functions and output data. The serial
interface is compatible with System Management Bus (SMBus)
versions 1.1 and 2.0, and I²C bus Fast-Mode. The TSL256x offers
three slave addresses that are selectable via an external pin
(ADDR SEL). The slave address options are shown in Figure 17.
Figure 17:
Slave Address Selection
Note(s):
1. The Slave and SMB Alert Addresses are 7 bits. Please note the SMBus and I²C protocols (see SMBus and I²C Protocols). A read/write
bit should be appended to the slave address by the master device to properly communicate with the TSL256X device.
ADDR SEL Terminal Level
Slave Address
SMB Alert Address
GND
0101001
0001100
Float
0111001
0001100
VDD
1001001
0001100
Principles of Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com