Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2569CS Datasheet(PDF) 28 Page - OSRAM GmbH

Part # TSL2569CS
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2569CS Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button TSL2569CS Datasheet HTML 24Page - OSRAM GmbH TSL2569CS Datasheet HTML 25Page - OSRAM GmbH TSL2569CS Datasheet HTML 26Page - OSRAM GmbH TSL2569CS Datasheet HTML 27Page - OSRAM GmbH TSL2569CS Datasheet HTML 28Page - OSRAM GmbH TSL2569CS Datasheet HTML 29Page - OSRAM GmbH TSL2569CS Datasheet HTML 30Page - OSRAM GmbH TSL2569CS Datasheet HTML 31Page - OSRAM GmbH TSL2569CS Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
ams Datasheet
Page 27
[v1-00] 2016-Apr-12
Document Feedback
TSL2568, TSL2569 − Principles of Operation
When a level Interrupt is selected, an interrupt is generated
whenever the last conversion results in a value outside of the
programmed threshold window. The interrupt is active-low and
remains asserted until cleared by writing the Command
Register with the CLEAR bit set.
In SMBAlert mode, the interrupt is similar to the traditional level
style and the interrupt line is asserted low. To clear the interrupt,
the host responds to the SMBAlert by performing a modified
Receive Byte operation, in which the Alert Response Address
(ARA) is placed in the slave address field, and the TSL256x that
generated the interrupt responds by returning its own address
in the seven most significant bits of the receive data byte. If
more than one device connected on the bus has pulled the
SMBAlert line low, the highest priority (lowest address) device
will win communication rights via standard arbitration during
the slave address transfer. If the device loses this arbitration,
the interrupt will not be cleared. The Alert Response Address is
0Ch.
When INTR = 11, the interrupt is generated immediately
following the SMBus write operation. Operation then behaves
in an SMBAlert mode, and the software set interrupt may be
cleared by an SMBAlert cycle.
Note(s): Interrupts are based on the value of Channel 0 only.
Figure 33:
Interrupt Control Register
7
6
5432
10
Resv
Resv
INTR
PERSIST
Field
Bits
Description
Resv
7:6
Reserved. Write as 0.
INTR
5:4
INTR Control Select. This field determines mode of interrupt logic according to
Figure 34, below.
PERSIST
3:0
Interrupt persistence. Controls rate of interrupts to the host processor as shown in
Figure 35, below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com