Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2591 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # TSL2591
Description  Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2591 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button TSL2591 Datasheet HTML 2Page - OSRAM GmbH TSL2591 Datasheet HTML 3Page - OSRAM GmbH TSL2591 Datasheet HTML 4Page - OSRAM GmbH TSL2591 Datasheet HTML 5Page - OSRAM GmbH TSL2591 Datasheet HTML 6Page - OSRAM GmbH TSL2591 Datasheet HTML 7Page - OSRAM GmbH TSL2591 Datasheet HTML 8Page - OSRAM GmbH TSL2591 Datasheet HTML 9Page - OSRAM GmbH TSL2591 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Datasheet, Public
Page 5
[v3-00] 2023-Feb-08
Document Feedback
TSL2591 − Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Recommended
Operating Conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 5:
Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Supply voltage, VDD
3.8
V
All voltages are with respect to GND
Input terminal voltage
-0.5
3.8
V
Output terminal voltage
-0.5
3.8
V
Output terminal current
-1
20
mA
Storage temperature range, Tstg
-40
85
°C
ESD tolerance, human body model
±2000
V
JESD22-A114-B
ESD tolerance, charge device model
(CDM)
±500
V
JESD22-C101
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com