Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2591 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TSL2591
Description  Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2591 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TSL2591 Datasheet HTML 15Page - OSRAM GmbH TSL2591 Datasheet HTML 16Page - OSRAM GmbH TSL2591 Datasheet HTML 17Page - OSRAM GmbH TSL2591 Datasheet HTML 18Page - OSRAM GmbH TSL2591 Datasheet HTML 19Page - OSRAM GmbH TSL2591 Datasheet HTML 20Page - OSRAM GmbH TSL2591 Datasheet HTML 21Page - OSRAM GmbH TSL2591 Datasheet HTML 22Page - OSRAM GmbH TSL2591 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Page 18
Datasheet, Public
Document Feedback
[v3-00] 2023-Feb-08
TSL2591 − Register Description
The Interrupt persistence filter sets the number of consecutive
out-of-range ALS cycles necessary to generate an interrupt.
Out-of-range is determined by comparing C0DATA (0x14 and
0x15) to the interrupt threshold registers (0x04 - 0x07). Note
that the no-persist ALS interrupt is not affected by the interrupt
persistence filter. Upon power up, the interrupt persistence
filter register resets to 0x00.
7
6
543
2
1
0
Reserved
APERS
Field
Bits
Description
Reserved
7:4
Reserved. Write as 0.
APERS
3:0
ALS interrupt persistence filter
FIELD VALUE
PERSISTENCE
0000
Every ALS cycle generates an interrupt
0001
Any value outside of threshold range
0010
2 consecutive values out of range
0011
3 consecutive values out of range
0100
5 consecutive values out of range
0101
10 consecutive values out of range
0110
15 consecutive values out of range
0111
20 consecutive values out of range
1000
25 consecutive values out of range
1001
30 consecutive values out of range
1010
35 consecutive values out of range
1011
40 consecutive values out of range
1100
45 consecutive values out of range
1101
50 consecutive values out of range
1110
55 consecutive values out of range
1111
60 consecutive values out of range
PERSIST Register (0x0C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com