Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2591 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TSL2591
Description  Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2591 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TSL2591 Datasheet HTML 4Page - OSRAM GmbH TSL2591 Datasheet HTML 5Page - OSRAM GmbH TSL2591 Datasheet HTML 6Page - OSRAM GmbH TSL2591 Datasheet HTML 7Page - OSRAM GmbH TSL2591 Datasheet HTML 8Page - OSRAM GmbH TSL2591 Datasheet HTML 9Page - OSRAM GmbH TSL2591 Datasheet HTML 10Page - OSRAM GmbH TSL2591 Datasheet HTML 11Page - OSRAM GmbH TSL2591 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Datasheet, Public
Page 7
[v3-00] 2023-Feb-08
Document Feedback
TSL2591 − Electrical Characteristics
Figure 8:
ALS Characteristics, VDD = 3V, TA = 25°C, AGAIN = High, AEN = 1, (unless otherwise noted)
(1) (2) (3)
Parameter
Conditions
Channel
Min
Typ
Max
Units
Dark ADC count
value
Ee = 0,
AGAIN = Max,
ATIME=000b (100ms)
CH0
CH1
0
0
20
20
counts
ADC integration
time step size
ATIME = 000b (100ms)
95
100
105
ms
ADC number of
integration steps (4)
16
steps
Max ADC count
ATIME = 000b (100ms)
0
36863
counts
Max ADC count
ATIME = 001b (200ms), 010b
(300ms), 011b (400ms),
100b (500ms), 101b (600ms)
0
65535
counts
ADC count value
White light (2)
Ee = 4.98 μW/cm
2
ATIME = 000b (100 ms)
CH0
CH1
1120
1315
174
1510
counts
λP = 850 nm
(3)
Ee = 5.62 μW/cm
2,
ATIME = 000b (100 ms)
CH0
CH1
1230
1447
866
1665
counts
ADC count value
ratio: CH1/CH0
White light (2)
0.092
0.132
0.172
λP = 850 nm
(3)
0.558
0.598
0.638
Re
Irradiance
responsivity
White light (2)
ATIME = 000b (100 ms)
CH0
CH1
264.1
34.9
counts/
(μW/cm2)
λP = 850 nm
(3)
ATIME = 000b (100 ms)
CH0
CH1
257.5
154.1
Noise (4)
White light (2)
Ee = 4.98 μW/cm
2
ATIME = 000b (100 ms)
CH0
1
2
1 standard
deviation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com