Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2591 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TSL2591
Description  Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2591 Datasheet(HTML) 2 Page - OSRAM GmbH

  TSL2591 Datasheet HTML 1Page - OSRAM GmbH TSL2591 Datasheet HTML 2Page - OSRAM GmbH TSL2591 Datasheet HTML 3Page - OSRAM GmbH TSL2591 Datasheet HTML 4Page - OSRAM GmbH TSL2591 Datasheet HTML 5Page - OSRAM GmbH TSL2591 Datasheet HTML 6Page - OSRAM GmbH TSL2591 Datasheet HTML 7Page - OSRAM GmbH TSL2591 Datasheet HTML 8Page - OSRAM GmbH TSL2591 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Datasheet, Public
Page 1
[v3-00] 2023-Feb-08
Document Feedback
TSL2591
Light-to-Digital Converter
The TSL2591 is a very-high sensitivity light-to-digital converter
that transforms light intensity into a digital signal output
capable of direct I²C interface. The device combines one
broadband photodiode (visible plus infrared) and one
infrared-responding photodiode on a single CMOS integrated
circuit. Two integrating ADCs convert the photodiode currents
into a digital output that represents the irradiance measured
on each channel. This digital output can be input to a
microprocessor where illuminance (ambient light level) in lux
is derived using an empirical formula to approximate the
human eye response. The TSL2591 supports a traditional level
style interrupt that remains asserted until the firmware clears it.
Ordering Information and Content Guide appear at end of
datasheet.
Figure 1:
Added Value of Using TSL2591
Benefits
Features
• Approximates Human Eye Response
• Dual Diode
• Flexible Operation
• Programmable Analog Gain and Integration Time
• Suited for Operation Behind Dark Glass
• 600M:1 Dynamic Range
• Low Operating Overhead
• Two Internal Interrupt Sources
• Programmable Upper and Lower Thresholds
• One Interrupt Includes Programmable Persistence Filter
• Low Power 3.0 μA Sleep State
• User Selectable Sleep Mode
• I²C Fast Mode Compatible Interface
• Data Rates up to 400 kbit/s
• Input Voltage Levels Compatible with 3.0V Bus
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com