Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2591 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # TSL2591
Description  Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2591 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button TSL2591 Datasheet HTML 8Page - OSRAM GmbH TSL2591 Datasheet HTML 9Page - OSRAM GmbH TSL2591 Datasheet HTML 10Page - OSRAM GmbH TSL2591 Datasheet HTML 11Page - OSRAM GmbH TSL2591 Datasheet HTML 12Page - OSRAM GmbH TSL2591 Datasheet HTML 13Page - OSRAM GmbH TSL2591 Datasheet HTML 14Page - OSRAM GmbH TSL2591 Datasheet HTML 15Page - OSRAM GmbH TSL2591 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Datasheet, Public
Page 11
[v3-00] 2023-Feb-08
Document Feedback
TSL2591 − Typical Operating Characteristics
Figure 11:
Spectral Responsivity
Figure 12:
White Normalized Responsivity vs. Angular Displacement
Spectral Responsivity: Two channel
response allows for tunable illuminance
(lux) calculation regardless of
transmissivity of glass.
White LED Angular Response: Near
cosine angular response for broadband
white light sources.
Typical Operating
Characteristics
CH0
CH1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
300
400
500
600
700
800
900 1000 1100
λ - Wavelength - nm
CH0
CH1
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
-90 -75 -60 -45 -30 -15 0 15 30 45 60 75 90
Incident Angle - º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com