Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL26717FN Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TSL26717FN
Description  Digital Proximity Detector
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL26717FN Datasheet(HTML) 2 Page - OSRAM GmbH

  TSL26717FN Datasheet HTML 1Page - OSRAM GmbH TSL26717FN Datasheet HTML 2Page - OSRAM GmbH TSL26717FN Datasheet HTML 3Page - OSRAM GmbH TSL26717FN Datasheet HTML 4Page - OSRAM GmbH TSL26717FN Datasheet HTML 5Page - OSRAM GmbH TSL26717FN Datasheet HTML 6Page - OSRAM GmbH TSL26717FN Datasheet HTML 7Page - OSRAM GmbH TSL26717FN Datasheet HTML 8Page - OSRAM GmbH TSL26717FN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
ams Datasheet
Page 1
[v1-00] 2016-Jul-12
Document Feedback
TSL2671
Digital Proximity Detector
The TSL2671 family of devices provides a complete proximity
detection system and digital interface logic in a single 6-pin
package. The device includes a digital proximity sensor with
integrated LED driver for the required external IR LED. The
proximity function offers a wide range of performance, with
four programmable LED drive currents and a pulse repetition
range of 1 to 32 pulses. The proximity detection circuitry
compensates for ambient light, allowing it to operate in
environments ranging from bright sunlight to dark rooms. This
wide dynamic range also allows operation in short-distance
detection applications behind dark glass, such as cell phones.
An internal state machine provides the ability to put the device
into a low-power mode for very low average power
consumption.
The proximity function specifically targets near-field proximity
applications. In cell phones, for example, the proximity
detection function can detect when the user positions the
phone close to their ear. The device is fast enough to provide
proximity information at the high repetition rate needed when
answering a phone call. This provides both improved green
power saving capability and the added security to lock the
screen when the user may accidently deploy a touch.
Communication with the device is accomplished through a
simple two-wire I²C interface with data rates up to 400 kHz. An
interrupt output pin is provided for connection to the host
processor. This interrupt pin can be used to eliminate the need
to poll the device on a repetitive basis. There is also a digital
filter that compares the proximity ADC results to programmed
values so that an interrupt is generated only upon a proximity
event.
The TSL2671 is supplied in a very small form factor
2 mm
× 2 mm, 6-pin optical package, requiring very little PCB
area. Also, the package height is only 0.65 mm high, which
makes the TSL2671 suitable for very thin mechanical
applications.
Ordering Information and Content Guide appear at end of
datasheet.
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com