Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL26717FN Datasheet(PDF) 39 Page - OSRAM GmbH

Part # TSL26717FN
Description  Digital Proximity Detector
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL26717FN Datasheet(HTML) 39 Page - OSRAM GmbH

Back Button TSL26717FN Datasheet HTML 35Page - OSRAM GmbH TSL26717FN Datasheet HTML 36Page - OSRAM GmbH TSL26717FN Datasheet HTML 37Page - OSRAM GmbH TSL26717FN Datasheet HTML 38Page - OSRAM GmbH TSL26717FN Datasheet HTML 39Page - OSRAM GmbH TSL26717FN Datasheet HTML 40Page - OSRAM GmbH TSL26717FN Datasheet HTML 41Page - OSRAM GmbH TSL26717FN Datasheet HTML 42Page - OSRAM GmbH TSL26717FN Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Page 38
ams Datasheet
Document Feedback
[v1-00] 2016-Jul-12
TSL2671 − Ordering & Contac t Information
Figure 44:
Ordering Information
Note(s):
1. Contact ams for availability.
Buy our products or get free samples online at:
www.ams.com/ICdirect
Technical Support is available at:
www.ams.com/Technical-Support
Provide feedback about this document at:
www.ams.com/Document-Feedback
For further information and requests, e-mail us at:
ams_sales@ams.com
For sales offices, distributors and representatives, please visit:
www.ams.com/contact
Headquarters
ams AG
Tobelbader Strasse 30
8141 Premstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Website: www.ams.com
Ordering Code
Interface Description
Address
Package -
Leads
Device
TSL26711FN
I²C Vbus = VDD Interface
0x39
FN−6
TSL26711
TSL26713FN
I²C Vbus = 1.8 V Interface
0x39
FN−6
TSL26713
TSL26715FN
I²C Vbus = VDD Interface
0x29
FN−6
TSL26715 (1)
TSL26717FN
I²C Vbus = 1.8 V Interface
0x29
FN−6
TSL26717 (1)
Ordering & Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com