Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL26717FN Datasheet(PDF) 29 Page - OSRAM GmbH

Part # TSL26717FN
Description  Digital Proximity Detector
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL26717FN Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button TSL26717FN Datasheet HTML 25Page - OSRAM GmbH TSL26717FN Datasheet HTML 26Page - OSRAM GmbH TSL26717FN Datasheet HTML 27Page - OSRAM GmbH TSL26717FN Datasheet HTML 28Page - OSRAM GmbH TSL26717FN Datasheet HTML 29Page - OSRAM GmbH TSL26717FN Datasheet HTML 30Page - OSRAM GmbH TSL26717FN Datasheet HTML 31Page - OSRAM GmbH TSL26717FN Datasheet HTML 32Page - OSRAM GmbH TSL26717FN Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-00] 2016-Jul-12
TSL2671 − Register Description
Control Register (0x0F)
The Control register provides four bits of control to the analog
block. These bits control the diode drive current and diode
selection functions.
Figure 33:
Control Register
Field
Bits
Description
PDRIVE
7:6
LED Drive Strength.
Field Value
LED Strength
00
100 mA
01
50 mA
10
25 mA
11
12.5 mA
PDIODE
5:4
Proximity Diode Select.
Field Value
Diode Selection
00
Reserved
01
Proximity uses the Channel 0 diode
10
Proximity uses the Channel 1 diode
11
Proximity uses both diodes
Reserved
3:0
Reserved. Write bits as 0.
6
75
4
2
31
0
CONTROL
PDRIVE
Resv
Address
0x0F
PDIODE
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com