Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL26717FN Datasheet(PDF) 35 Page - OSRAM GmbH

Part # TSL26717FN
Description  Digital Proximity Detector
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL26717FN Datasheet(HTML) 35 Page - OSRAM GmbH

Back Button TSL26717FN Datasheet HTML 31Page - OSRAM GmbH TSL26717FN Datasheet HTML 32Page - OSRAM GmbH TSL26717FN Datasheet HTML 33Page - OSRAM GmbH TSL26717FN Datasheet HTML 34Page - OSRAM GmbH TSL26717FN Datasheet HTML 35Page - OSRAM GmbH TSL26717FN Datasheet HTML 36Page - OSRAM GmbH TSL26717FN Datasheet HTML 37Page - OSRAM GmbH TSL26717FN Datasheet HTML 38Page - OSRAM GmbH TSL26717FN Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-00] 2016-Jul-12
TSL2671 − Mechanical Data
Figure 40:
Package FN — Dual Flat No-Lead Packaging Configuration
Note(s):
1. All linear dimensions are in micrometers. Dimension tolerance is ±20
μm unless otherwise noted.
2. The photodiode active area is 466
μm square and its center is 140 μm above and 20 μm to the right of the package center. The die
placement tolerance is ± 75
μm in any direction.
3. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55.
4. Contact finish is copper alloy A194 with pre-plated NiPdAu lead finish.
5. This package contains no lead (Pb).
6. This drawing is subject to change without notice.
Mechanical Data
PACKAGE FN
Dual Flat No-Lead
203
+ 8
6 SDA
5 INT
4 LDR
VDD 1
SCL 2
GND 3
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Lead Free
Pb
300
+ 50
650
2000
+ 75
2000
+ 75
PIN 1
PIN 1
END VIEW
650
+ 50
Seating Plane
PIN OUT
TOP VIEW
Photo-Active Area
750
+ 150
300
+ 50
650
Pin 1 Marker
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com