Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL26717FN Datasheet(PDF) 24 Page - OSRAM GmbH

Part # TSL26717FN
Description  Digital Proximity Detector
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL26717FN Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button TSL26717FN Datasheet HTML 20Page - OSRAM GmbH TSL26717FN Datasheet HTML 21Page - OSRAM GmbH TSL26717FN Datasheet HTML 22Page - OSRAM GmbH TSL26717FN Datasheet HTML 23Page - OSRAM GmbH TSL26717FN Datasheet HTML 24Page - OSRAM GmbH TSL26717FN Datasheet HTML 25Page - OSRAM GmbH TSL26717FN Datasheet HTML 26Page - OSRAM GmbH TSL26717FN Datasheet HTML 27Page - OSRAM GmbH TSL26717FN Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
ams Datasheet
Page 23
[v1-00] 2016-Jul-12
Document Feedback
TSL2671 − Register Description
Command Register
The command registers specifies the address of the target
register for future write and read operations.
Figure 25:
Command Register
Field
Bits
Description
COMMAND
7
Select Command Register. Must write as 1 when addressing COMMAND register.
TYPE
6:5
Selects type of transaction to follow in subsequent data transfers:
FIELD VALUE
DESCRIPTION
00
Repeated byte protocol transaction
01
Auto-increment protocol transaction
10
Reserved — Do not use
11
Special function — See description below
Transaction type 00 will repeatedly read the same register with each data access.
Transaction type 01 will provide an auto-increment function to read successive
register bytes.
ADD
4:0
Address register/special function register. Depending on the transaction type, see
above, this field either specifies a special function command or selects the specific
control-status-register for following write and read transactions:
FIELD VALUE
DESCRIPTION
00000
Normal — No action
00101
Proximity interrupt clear
Proximity Interrupt Clear clears any pending proximity interrupt. This special function
is self clearing.
6
75
4
ADD
2
31
0
COMMAND
COMMAND
TYPE
− −



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com