Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM3P-4-AC1-R-C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # ACM3P-4-AC1-R-C
Description  Three-Phase AC Ammeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACM3P-4-AC1-R-C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  ACM3P-4-AC1-R-C Datasheet HTML 1Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 2Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 3Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 4Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 5Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Performance/Functional Specifications
Typical at TA=+ 25ºC, 120Vac @ 50Hz, unless otherwise noted
ORDERING INFORMATION*
ACM3P-4-AC1-R-C
100A, 85-264Vac Supply, Red LED Display
ACM3P-4-AC1-G-C
100A, 85-264Vac Supply, Green LED Display
ACM3P-4-AC1-B-C
100A, 85-264Vac Supply, Blue LED Display
ACM3P-4-AC1-B-28-C
100A, 85-264Vac Supply, Blue LED Display,
28 inch lead length
TECHNICAL NOTES
IMPORTANT! To ensure safe and reliable operation, ACM3P amme-
ters must be installed and serviced by qualified technical personnel.
Contact Murata Power Solutions if there is any doubt regarding their
installation or operation.
1. Measurement Type: ACM3P series 3-phase ammeters employ a
precision energy metering integrated circuit and a low-power micro-
controller to measure and display the rms value of 2- or 3-phase
ac-mains current. However, while the unit has an upper bandwidth
of 14kHz, dc components or frequencies below 47Hz will not be
measured accurately.
2. Basic Operation: Upon application of ac power to TB1, the unit will
first perform a self-test routine and then continuously display am-
peres, with one of the three phase-annunciator LEDs illuminated (L1,
L2, or L3). The display will remain fixed in one of these reading modes
as long as the front panel ‘SEL’ button is not touched. Assuming phase
L1 is initially illuminated, momentarily touching the ‘SEL’ button two
times in succession will cycle the display to phase L2, and then to
phase L3. Momentarily touching ‘SEL’ a third time will return the unit
back to displaying phase L1 current.
If power is removed and then restored, the ACM3P will perform a
self-test and then return to displaying the last selected phase, i.e., the
phase it displayed just before power was removed.
Configuring for 2-Phase Operation: As shipped, ACM3P ammeters
are configured to measure and display 3-phase currents (L1, L2, and
L3 current transformers are all active). The unit can be set to display
2-phase currents (only L1 and L2 are active) by performing the follow-
ing procedure:
A. Press and hold the SEL button for approximately five seconds and
then release the button once the words “LinE SEt” appear on the
display.
B. Briefly tapping the SEL button will alternate the display reading
between ‘2-Ph’ and ‘3-Ph’ each time SEL is tapped.
C. To change the factory default 3-phase mode to 2-phase, leave the
display fixed in the ‘2-Ph’ reading for at least five seconds.
To revert the unit back to 3-phase operation simply repeat the above
procedure but, in step C, allow the unit to display a fixed ‘3-Ph’ for at
least five seconds.
ACM3P ammeters with manufacturing date codes of June 2016 or
later have the additional ability to continuously scroll (“auto-scroll”)
through all 3 phases, or auto-scroll through only 2 phases.
The process for configuring the ACM3P for auto-scrolling operation
begins by first holding down the ‘SEL’ switch for five seconds to enter
the programming mode that is indicated by the display showing “LinE
SEt.”
After the unit displays “LinE SEt,” immediately and repeatedly
pressing and releasing the
SEL switch will cycle the unit through the
following four operating-mode options:
!
Measurement Limits
Min.
Typ.
Max.
Units
AC (rms) Current, L1, L2, L3 ➀
0.0
—
100.0
Amperes
Overcurrent Rating ➁
1.5 x Rated full-scale current
Performance
Sampling Rate
1.5 samples/sec
Current Accuracy ➂
±2%
±3%
Measurement Bandwidth (L1, L2, L3)
14kHz
Temperature Drift (0 to 65ºC)
0.5 Counts/ºC
Zero-Current Reading (within 1 sec.)
1
Counts
UL/IEC61010-1
Measurement category II
Supply Voltage (TB1)
All Models
85
120
264
Vac/47-63Hz
Supply Current ➃
ACM3P-X-AC1-R-X-C
35
50
110
mA
ACM3P-X-AC1-G-X-C
50
75
165
mA
ACM3P-X-AC1-B-X-C
50
75
165
mA
Power Supply Terminal Block (TB1)
Wire Size
16-22AWG, solid or stranded
Insulation Strip Length
6.4mm (0.250 in)
Screw Tightening Torque
0.4Nm (3.6 lb-in)
Rated Voltage
300Vac
Display
Display Type and Size
4 Digit LED, 9.14mm (0.36in) high
Overrange Indication
Flashing display
Decimal Point Selection
Automatically Set
Physical/Environmental
Operating Temperature:
0
—
+65
ºC
Storage Temperature:
-40
—
+75
ºC
Humidity (non-condensing):
0
—
85
%
Dimensions:
See mechanical specifications
Weight, all models
2.6 oz (74g)
Notes
➀
Specified full-scale currents are those passing through the power meter’s built-in current
transformer’s primary load-circuit. See Notes 2 and 3 below for additional information.
➁
The overcurrent rating of 1.5 x the rated full-scale current is a continuous rating and applies to
the current passing through the built in current transformer. Accuracy is guaranteed up to the
rated current level.
➂
Power Meters are calibrated with near full-scale 50Hz sine-wave inputs.
➃
All specified maximum supply currents are steady state. Larger surge currents can occur at
initial application of line power.
continued on next page
www.murata.com-ps/support
ACM3P Series
Three-Phase AC Ammeters
MPM_ACM3P Series.C02 Page 2 of 6
*See http://www.murata.com/products/power for model-specific availability.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com