Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM3P-4-AC1-R-C Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # ACM3P-4-AC1-R-C
Description  Three-Phase AC Ammeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACM3P-4-AC1-R-C Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  ACM3P-4-AC1-R-C Datasheet HTML 1Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 2Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 3Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 4Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 5Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYPICAL WIRING DIAGRAMS
B
A
TB1
PHASE A
PHASE B
L1
L1
L2
L3
PHASE C
Note: Line and phase currents
are the same for Wye systems.
L2
L3
85–264 Vac
47–63 Hz
Fuse*
Figure 2. Wiring diagram Wye systems
Figure 3. Wiring diagram for Delta systems monitoring line current
B
A
TB1
85–264 Vac
47–63 Hz
Fuse*
PHASE A
PHASE B
L1
L1
L2
L3
PHASE C
L2
L3
Figure 4. Wiring diagram for Delta systems monitoring phase current
B
A
TB1
85–264 Vac
47–63 Hz
Fuse*
PHASE A
PHASE B
L1
L1
L2
L3
PHASE C
L2
L3
*See technical note 6.
*See technical note 6.
*See technical note 6.
www.murata.com-ps/support
ACM3P Series
Three-Phase AC Ammeters
MPM_ACM3P Series.C02 Page 4 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com