Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM3P-4-AC1-R-C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # ACM3P-4-AC1-R-C
Description  Three-Phase AC Ammeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACM3P-4-AC1-R-C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  ACM3P-4-AC1-R-C Datasheet HTML 1Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 2Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 3Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 4Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 5Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2P-A > 3P-A > 2P > 3P
Where:
2P-A enables continuous auto-scrolling 2-phase operation
3P-A enables continuous auto-scrolling 3-phase operation
2P enables fixed 2-phase operation
3P enables fixed 3-phase operation
To enable the desired mode of operation, simply stop pressing the SEL
switch after the desired mode is displayed. The unit will begin normal
operation in the selected mode five seconds after the last SEL switch
activation.
3. Overrange Indication: ACM3P ammeters have an overcurrent rating of
1.5 times rated current, or 150A. However, accuracy is only guaranteed
up to 100A, and the display will flash on and off when the current is at or
above 120A.
4. Calibration: Due their digital design, ACM3P ammeters cannot be cali-
brated in the field. ACM3P ammeters are factory-calibrated to meet their
specified accuracies with the factory supplied current transformers. Use
of any other current transformers will produce significant errors.
Contact Murata Power Solutions if additional information is required
regarding calibration, setup, or any other technical issue pertaining to
ACM3P ammeters.
5. Wiring: All power supply and load wiring must be rated for the voltages
and currents they will carry and must comply with any code or applica-
tion-mandated requirements pertaining to the user’s specific installation.
6. Supply Fusing, and Grounding: Wires specified in the Functional
Specifications section must be used for making connections to ACM3P
series ammeters’ TB1 terminal block. No connection is required for earth/
chassis ground.
ACM3P series ammeters are not internally fused. Terminal block TB1 is to
be used only for powering the ammeter's internal circuitry; it must not be
used to supply power to external loads. The supply wires feeding these
power meters must be fused with a 0.5A/250V time delay/time lag fuse,
in accordance with applicable regulatory codes.
Wire insulation must be stripped to within ±10% of the stated dimen-
sions, and wires should be inserted into TB1 such that their insulation is
not pinched by the screw terminal.
7. Current Transformer Phasing: Since the ACM3P only measures am-
peres, transformer phasing is not required. ‘Phasing’ refers to the direc-
tion of the current-carrying wire as it passes through the primary hole of
each of the three built-in current transformers.
8. Connector Torque Ratings: It is important to tighten TB1’s screw-
terminals to their rated torque specification of 3.6 pound-inches (0.4Nm).
Proper tightening will minimize connector losses and ensure safe, reliable
operation.
9. Isolation: Except for the 2-56 thread metallic mounting studs, all of the
ACM3P ammeter’s internal components (printed circuit board, resistor,
capacitors, current transformers L1, L2 and L3’s secondary leads, etc.)
are at the ac-mains potential connected to TB1. ACM3P ammeters are
designed to be powered from one ac power-source only. Any other con-
nection schemes could introduce significant measurement errors.
The three built-in current transformers have a dielectric breakdown
rating of 2kV minimum, allowing them to safely monitor 480V, 3-phase
ac mains currents. This dielectric rating pertains only to the insulated
load-carrying wire as it passes through the built-in CT’s primary hole.
However, attention must still be paid to ensure adequate wire-to-wire
spacings, and wire-to-metallic surface spacings. Properly rated wiring
and fusing must be used for all installations, as noted in Technical Notes
5 and 6 above.
IMPORTANT: Even though ACM3P ac ammeters can be used in 480V cur-
rent monitoring applications, the ac supply connected to TB1 must never
exceed the maximum rating of 264V/47-63Hz.
Figure 1. Panel Installation
SIDE VIEW
2-56 Hex Nuts (4 places)
Tighten each nut to 15 to 20
ozf-in (0.106 to 0.140 N-m).
L1
L2
L3
ACM3P
PANEL
PANEL INSTALLATION
All connections to ACM3P ammeters must be made after the unit is
securely attached to the panel, and with all associated load and supply
voltages de-energized (off), using extreme caution and observing all
safety measures applicable to the user’s installation.
Care should be exercised when passing conductors through the am-
meter’s built-in current transformers L1, L2, and L3. The installed wire-
positions should be such that minimal mechanical forces are applied
to the current transformers, TB1, or to the ACM3P ammeter itself. In high-
vibration environments, it is strongly recommended that strain reliefs be
used for all wiring.
Using Figure 1 as a guide, carefully insert the ACM3P assembly into the
panel opening. From the rear of the panel, install and then tighten the
four #2-56 hex nuts over the threaded studs. Tighten each nut to 15 to
20 ozf-in (0.106 to 0.140 N-m). Use only the factory-supplied hardware
as the use of substitute hardware could result in an unsafe installation
and/or adversely affect the reliability of the installation.
The recommended panel thickness range that can be used with the sup-
plied hardware is 0.040 inches (1.0mm) to 0.25 inches (6.4mm). Panel
thicknesses outside of this range may require additional user-supplied
hardware or modifications.
www.murata.com-ps/support
ACM3P Series
Three-Phase AC Ammeters
MPM_ACM3P Series.C02 Page 3 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com