Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM3P-4-AC1-R-C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # ACM3P-4-AC1-R-C
Description  Three-Phase AC Ammeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACM3P-4-AC1-R-C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  ACM3P-4-AC1-R-C Datasheet HTML 1Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 2Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 3Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 4Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 5Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SIMPLIFIED SCHEMATIC DIAGRAM
PRODUCT OVERVIEW
Murata Power Solutions’ ACM3P series 3-phase AC ammeters measure and display the
true-rms values of 2- or 3-phase ac mains current. A front panel touch switch enables the
selection of a continuous reading of any of the three phases. All ACM3P ammeters are func-
tionally complete, with built-in L1, L2, and L3 current transformers—no other user-supplied
components or hardware are required.
ACM3P series AC ammeters are available with a 0-100A input range (150A peaks) and
provide a resolution of 0.1 Amp. Their 85-264Vac (47-63Hz) operating supply range makes
these ammeters perfect for worldwide 3-phase current monitoring applications. And, unlike
conventional average-responding products, ACM3P ammeters can accurately display the
true-rms values of triangle waves, square waves, and other irregularly shaped AC current
waveforms, with an accuracy of ±2% of full scale.
Their large (0.36"/9.2mm), bright LED display, available in a choice of red, blue, or green,
enables ACM3P ammeters to be easily readable from as far as 15 feet (5 meters). All
units are packaged in a one-piece, vibration resistant, polycarbonate housing that can be
installed in vertical ‘0U’ or horizontal ‘1U’ rack spaces. Their miniature size is ideal for UPS
backup power sources, power strips, alternative energy metering, and any other applica-
tions that require precise monitoring of 2- or 3-phase ac current.
A
B
85-264 Vac
47-63 Hz
AC/DC
CONVERTER
MICRO-
CONTROLLER
SEL
+5V
+5V
+5V
A/D
CONVERTER
L1
L2
L3
PHASE 3
L3
PHASE 1
L1
PHASE 2
L2
CURRENT
LIMITED
SUPPLY
Actual size
FEATURES
„
„ Measure and display the true-rms current of 3-phase
power systems
„
„ Universal 85-264Vac (47-63Hz) operating supply
range
„
„ Three built-in current transformers measure up to
100A per phase
„
„ Ideal for power distribution units (PDUs) and backup
power systems
„
„ Low power consumption: less than ¼watt from
120Vac supply
„
„ One-piece polycarbonate housing fits ‘0U’ & ‘1U’
rack spaces
„
„ Low-profile surface mount design occupies minimal
behind-the-panel space
„
„ Available in red, green, or blue LED-displays with
phase annunciators
„
„ Low Cost; approvals to UL/cUL/IEC/61010-1
C
®
US E156931
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
ACM3P Series
Three-Phase AC Ammeters
MPM_ACM3P Series.C02 Page 1 of 6


Similar Part No. - ACM3P-4-AC1-R-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ACM3P MURATA-PS-ACM3P Datasheet
271Kb / 6P
Measure and display the true-rms current of 3-phase power systems
More results

Similar Description - ACM3P-4-AC1-R-C

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GOA94003C GPSEMI-GOA94003C Datasheet
178Kb / 3P
THREE PHASE AC-SWITCH
GOA94004C GPSEMI-GOA94004C Datasheet
179Kb / 3P
THREE PHASE AC-SWITCH
GOA94006C GPSEMI-GOA94006C Datasheet
178Kb / 3P
THREE PHASE AC-SWITCH
logo
Extech Instruments Corp...
38389 EXTECH-38389_15 Datasheet
274Kb / 1P
AC and AC/DC Clamp-on Ammeters
logo
XP Power Limited
DNR120-960TS XPPOWER-DNR120-960TS Datasheet
422Kb / 2P
Three Phase AC Input
logo
Green Power Solutions s...
GOA95006 GPSEMI-GOA95006_17 Datasheet
105Kb / 2P
THREE PHASE AC-SWITCH
GOA95006C GPSEMI-GOA95006C Datasheet
100Kb / 3P
THREE PHASE AC-SWITCH
GOA95010 GPSEMI-GOA95010 Datasheet
96Kb / 3P
THREE PHASE AC-SWITCH
GOA95020 GPSEMI-GOA95020 Datasheet
105Kb / 3P
THREE PHASE AC-SWITCH
GOA95024 GPSEMI-GOA95024 Datasheet
98Kb / 3P
THREE PHASE AC-SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com